Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T68A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM4T68A
Description  TRANSIL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68A Datasheet(HTML) 2 Page - STMicroelectronics

  SM4T68A Datasheet HTML 1Page - STMicroelectronics SM4T68A Datasheet HTML 2Page - STMicroelectronics SM4T68A Datasheet HTML 3Page - STMicroelectronics SM4T68A Datasheet HTML 4Page - STMicroelectronics SM4T68A Datasheet HTML 5Page - STMicroelectronics SM4T68A Datasheet HTML 6Page - STMicroelectronics SM4T68A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage.
VBR
Breakdown voltage.
VCL
Clamping voltage.
IRM
Leakage current @ VRM.
IPP
Surge current.
αT
Voltage temperature coefficient.
VF
Forward Voltage drop
VF < 3.5V @ IF = 25 A.
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction-leads on infinite heatsink
20
°C/W
Rth (j-a)
Junction to ambiant. on printed circuit.
With standard footprint dimensions.
100
°C/W
THERMAL RESISTANCES
TYPES
IRM @ VRM
VBR
@
IR
VCL @ IPP VCL @ IPP
αTC
max
min nom max
max
max
max
typ
note2
10/1000
µs8/20µs
note3
note4
Uni
directional
*
Bi
directional
*
µA
V
V
V
V
mA
VA
VA
10-4/
°C(PF)
SM4T6V8
SM4T6V8A
SM4T7V5
SM4T7V5A
SM4T10
SM4T10A
SM4T12
SM4T12A
SM4T15
SM4T15A
SM4T18
SM4T18A
SM4T22
SM4T22A
SM4T24
SM4T24A
SM4T27
SM4T27A
SM4T30
SM4T30A
SM4T33
SM4T33A
SM4T36
SM4T36A
SM4T39
SM4T39
QD
QE
QF
QG
QN
QP
QS
QT
QW
QX
RD
RE
RH
RK
RL
RM
RN
RP
RQ
RR
RS
RT
RU
RV
RW
RX
SM4T6V8C
SM4T6V8CA
SM4T7V5C
SM4T7V5CA
SM4T10C
SM4T10CA
SM4T12C
SM4T12CA
SM4T15C
SM4T15CA
SM4T18C
SM4T18CA
SM4T22C
SM4T22CA
SM4T24C
SM4T24CA
SM4T27C
SM4T27CA
SM4T30C
SM4T30C4
SM4T33C
SM4T33CA
SM4T36C
SM4T36CA
SM4T39C
SM4T39
VD
VE
VF
VG
VN
VP
VS
VT
VW
VX
UD
UE
UH
UK
UL
UM
UN
UP
UQ
UR
US
UT
UU
UV
UW
UX
1000
1000
500
500
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5.8
5.8
6.4
6.4
8.55
8.55
10.2
10.2
12.8
12.8
15.3
15.3
18.8
18.8
20.5
20.5
23.1
23.1
25.6
25.6
28.2
28.2
30.8
30.8
33.3
33.3
6.45
6.45
7.13
7.13
9.5
9.5
11.4
11.4
14.3
14.3
17.1
17.1
20.9
20.9
22.8
22.8
25.7
25.7
28.5
28.5
31.4
31.4
34.2
34.2
37.1
37.1
6.8
6.8
7.5
7.5
10
10
12
12
15
15
18
18
22
22
24
24
27
27
30
30
33
33
36
36
39
39
7.48
7.14
8.25
7.88
11
10.5
13.2
12.6
16.5
15.8
19.8
18.9
24.2
23.1
26.4
25.2
29.7
28.4
33
31.5
36.3
34.7
39.6
37.8
42.9
41.0
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
10.5
11.3
11.3
14.5
14.5
16.7
16.7
21.2
21.2
25.2
25.2
30.6
30.6
33.2
33.2
37.5
37.5
41.5
41.5
45.7
45.7
49.9
49.9
53.9
53.9
38
38
35.4
35.4
27.6
27.6
24
24
19
19
16
16
13
13
12
12
10.7
10.7
9.6
9.6
8.8
8.8
8
8
7.4
7.4
13.4
13.4
14.5
14.5
18.6
18.6
21.7
21.7
27.2
27.2
32.5
32.5
39.3
39.3
42.8
42.8
48.3
48.3
53.5
53.5
59.0
59.0
64.3
64.3
69.7
69.7
174
174
160
160
124
124
106
106
85
85
71
71
59
59
54
54
48
48
43
43
39
39
36
36
33
33
5.7
5.7
6.1
6.1
7.3
7.3
7.8
7.8
8.4
8.4
8.8
8.8
9.2
9.2
9.4
9.4
9.6
9.6
9.7
9.7
9.8
9.8
9.9
9.9
10.0
10.0
3500
3500
3100
3100
2000
2000
1550
1550
1200
1200
975
975
800
800
725
725
625
625
575
575
510
510
480
480
450
450
142
SM4Txx
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com