Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ1H7 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR730FZ1H7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1H7 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR730FZ1H7 Datasheet HTML 11Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 12Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 13Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 14Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 15Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 16Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 17Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 18Page - STMicroelectronics STR730FZ1H7 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
STR73xFxx
Block diagram
15/52
19
F3
12
P0.14/OCMPB
3
I/O
TT
2mA X X Port 0.14 TIM3: output compare B output
20
F4
13
P0.15/OCMPA3 I/O
TT
2mA X X Port 0.15 TIM3: output compare A output
21
F5
14
P1.0/OCMPA4
I/O
TT
2mA X X Port 1.0
TIM4: output compare A output
22
F6
15
P1.1/OCMPB4
I/O
TT
2mA X X Port 1.1
TIM4: output compare B output
23
G2
16
P1.2/ICAPB4
I/O
TT
2mA X X Port 1.2
TIM4: input capture B input
24
G3
17
P1.3/ICAPA4
I/O
TT
2mA X X Port 1.3
TIM4: input capture A input
25
G4
VSS
S
Ground
26
H1
VDD
S
Supply voltage (5 V)
27
J1
P1.4
I/O
TT
2mA X X Port 1.4
28
G5
P1.5
I/O
TT
2mA X X Port 1.5
29
K1
18
P1.6/OCMPB1
I/O
TT
2mA X X Port 1.6
TIM1: output compare B output
30
L1
19
P1.7/OCMPA1
I/O
TT
2mA X X Port 1.7
TIM1: output compare A output
31
H2
20
P1.8/OCMPA0
I/O
TT
INT0
2mA X X Port 1.8
TIM0: output compare A output
32
H3
21
P1.9/OCMPB0
I/O
TT
INT1
2mA X X Port 1.9
TIM0: output compare B output
33
H4
22
P1.10/ICAPB0
I/O
TT
WUP28 2mA X X Port 1.10 TIM0: input capture B input
34
J2
23
P1.11/ICAPA0
I/O
TT
WUP29 2mA X X Port 1.11 TIM0: input capture A input
35
J3
24
P1.12/ICAPA1
I/O
TT
WUP30 2mA X X Port 1.12 TIM1: input capture A input
36
K2
25
P1.13/ICAPB1
I/O
TT
WUP31 2mA X X Port 1.13 TIM1: input capture B input
37
M1
26
P1.14/CAN0RX I/O
TT
WUP12 2mA X X Port 1.14 CAN0: receive data input
38
L2
27
P1.15/CAN0TX
I/O
TT
2mA X X Port 1.15 CAN0: transmit data output
39
L3
28
P2.0/PWM0
I/O
TT
2mA X X Port 2.0
PWM0: PWM output
40
K3
29
P2.1/CAN1RX
I/O
TT
WUP13 2mA X X Port 2.1
CAN1: receive data input
41
M4
30
P2.2/CAN1TX
I/O
TT
2mA X X Port 2.2
CAN1: transmit data output
42
L4
31
P2.3/PWM1
I/O
TT
2mA X X Port 2.3
PWM1: PWM output
43
M2
32
P2.4/PWM2
I/O
TT
2mA X X Port 2.4
PWM2: PWM output
44
M3
P2.5/PWM3
I/O
TT
2mA X X Port 2.5
PWM3: PWM output
45
K4
P2.6/PWM4
I/O
TT
2mA X X Port 2.6
PWM4: PWM output
46
J4
P2.7/PWM5
I/O
TT
2mA X X Port 2.7
PWM5: PWM output
47
M5
33
M0
I
TT pd
BOOT: mode selection 0 input
48
L5
34
RSTIN
I
CT pu
Reset input
49
K5
35
M1
I
TT pd
BOOT: mode selection 1 input
Table 4.
STR73xF pin description
Pin n°
Pin name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com