Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 1 Page - Texas Instruments

  TSC2008RGVT Datasheet HTML 1Page - Texas Instruments TSC2008RGVT Datasheet HTML 2Page - Texas Instruments TSC2008RGVT Datasheet HTML 3Page - Texas Instruments TSC2008RGVT Datasheet HTML 4Page - Texas Instruments TSC2008RGVT Datasheet HTML 5Page - Texas Instruments TSC2008RGVT Datasheet HTML 6Page - Texas Instruments TSC2008RGVT Datasheet HTML 7Page - Texas Instruments TSC2008RGVT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
TSC2007
1
FEATURES
APPLICATIONS
DESCRIPTION
PENIRQ
SPI
Serial
Interface
and
Control
CS
SDI
X+
X-
Y+
Y-
AUX
TEMP
Mux
VDD/REF
GND
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
SCLK
SDO
TSC2008
www.ti.com ...................................................................................................................................................................................................... SBAS406 – JUNE 2008
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Micro TOUCH SCREEN CONTROLLER with SPI™
• Cellular Phones
23
• 4-Wire Touch Screen Interface
• PDA, GPS, and Media Players
• Single 1.2V to 3.6V Supply/Reference
• Portable Instruments
• Ratiometric Conversion
• Point-of-Sale Terminals
• Effective Throughput Rate:
• Multiscreen Touch Control
–
Up to 20kHz (8 Bit) or 10kHz (12 Bit)
• Preprocessing to Reduce Bus Activity
• SPI Interface
The TSC2008 is a very low-power touch screen
• Simple, Command-Based User Interface:
controller designed to work with power-sensitive,
–
TSC2046 Compatible
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
–
8- or 12-Bit Resolution
as low as 1.2V, which can be supplied by a
• On-Chip Temperature Measurement
single-cell battery. It contains a complete, ultra-low
• Touch Pressure Measurement
power, 12-bit, analog-to-digital (A/D) resistive touch
screen converter, including drivers and the control
• Digital Buffered PENIRQ
logic to measure touch pressure.
• On-Chip, Programmable PENIRQ Pullup
In addition to these standard features, the TSC2008
• Auto Power-Down Control
offers
preprocessing
of
the
touch
screen
• Low Power:
measurements to reduce bus loading, thus reducing
–
32.4
µA at 1.2V, Fast Mode, 8.2kHz Eq Rate
the consumption of host processor resources that can
then be redirected to more critical functions.
–
43.8
µA at 1.8V, Fast Mode, 8.2kHz Eq Rate
–
58.4
µA at 2.7V, Fast Mode, 8.2kHz Eq Rate
The TSC2008 supports an SPI serial bus and data
transmission protocol in all three defined modes:
• Software Reset
standard,
fast,
and
high-speed.
It
offers
• Enhanced ESD Protection:
programmable
resolution
of
8
or
12
bits
to
–
±8kV HBM
accommodate different screen sizes and performance
needs.
–
±1kV CDM
–
Target ±25kV Air Gap Discharge
The
TSC2008
is
available
in
a
12-lead,
(1,555 ±0,055mm) x (2,055 ±0,055mm) 3 x 4 array,
–
Target ±15kV Contact Discharge
wafer chip-scale package (WCSP), and a 16-pin,
• 1.5 x 2 WCSP-12 and 4 x 4 QFN-16 Packages
4 x 4 QFN package. The TSC2008 is characterized
U.S. Patent No. 6246394; other patents pending.
for the –40°C to +85°C industrial temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola Inc.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TSC2008RGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2008RGVT TI-TSC2008RGVT Datasheet
920Kb / 37P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results

Similar Description - TSC2008RGVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com