Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008IRGVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2008IRGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008IRGVR Datasheet(HTML) 2 Page - Texas Instruments

  TSC2008IRGVR Datasheet HTML 1Page - Texas Instruments TSC2008IRGVR Datasheet HTML 2Page - Texas Instruments TSC2008IRGVR Datasheet HTML 3Page - Texas Instruments TSC2008IRGVR Datasheet HTML 4Page - Texas Instruments TSC2008IRGVR Datasheet HTML 5Page - Texas Instruments TSC2008IRGVR Datasheet HTML 6Page - Texas Instruments TSC2008IRGVR Datasheet HTML 7Page - Texas Instruments TSC2008IRGVR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TSC2008
SBAS406 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TYPICAL
TYPICAL
NO MISSING
INTEGRAL
GAIN
CODES
SPECIFIED
TRANSPORT
LINEARITY
ERROR
RESOLUTION
PACKAGE
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
(BITS)
TYPE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
Small Tape
TSC2008RGVT
16-Pin,
and Reel, 250
4 x 4
RGV
–40°C to +85°C
TSC2008I
Tape and
QFN
TSC2008RGVR
Reel, 25000
TSC2008I
±1.5
–0.2/+4.4
11
Small Tape
12-Pin,
TSC2008IYZGT
and Reel, 250
3 x 4 Matrix,
YZG
–40°C to +85°C
TSC2008I
1.5 x 2
Tape and
TSC2008IYZGR
WCSP
Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TSC2008
UNIT
Analog input X+, Y+, AUX to GND
–0.4 to VDD + 0.1
V
Voltage
Analog input X–, Y– to GND
–0.4 to VDD + 0.1
V
Voltage range
VDD to GND
–0.3 to +5
V
Digital input voltage to GND
–0.3 to VDD + 0.3
V
Digital output voltage to GND
–0.3 to VDD + 0.3
V
Power dissipation
(TJ Max - TA)/θJA
QFN package
47
°C/W
Thermal impedance,
θ
JA
Low-K
113
°C/W
WCSP
High-K
62
°C/W
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Junction temperature, TJ Max
+150
°C
Vapor phase (60 sec)
+215
°C
Lead temperature
Infrared (15 sec)
+220
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com