Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERJS02 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJS02
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS02 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJS02 Datasheet HTML 1Page - Panasonic Semiconductor ERJS02 Datasheet HTML 2Page - Panasonic Semiconductor ERJS02 Datasheet HTML 3Page - Panasonic Semiconductor ERJS02 Datasheet HTML 4Page - Panasonic Semiconductor ERJS02 Datasheet HTML 5Page - Panasonic Semiconductor ERJS02 Datasheet HTML 6Page - Panasonic Semiconductor ERJS02 Datasheet HTML 7Page - Panasonic Semiconductor ERJS02 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Anti-Sulfurated Thick Film Chip Resistors
● ERJS02 to ERJS1T, ERJU0X to ERJU1T series
● ERJU6S, U6Q series
+25
℃ / +155 ℃ (ERJU0X,U01 : +25 ℃ / +125 ℃)
Rated voltage × 2.5, 5 s
Jumper type : Max. overload current, 5 s
270
℃, 10 s
–55
℃ (30min.)/+155 ℃ (ERJU0X,U01 : +125 ℃)
(30min.), 100 cycles
60
℃, 90 % to 95 %RH, Rated voltage
1.5 h ON / 0.5 h OFF cycle, 1000 h
Rated voltage × 2.5, 5 s
270
℃, 10 s
–55
℃ (30 min.) / +125 ℃ (30min.),100 cycles
+155
℃, 1000 h
60
℃, 90 % to 95 %RH, 1000 h
+155
℃ (ERJU0X,U01 : +125 ℃), 1000 h
60
℃, 90 % to 95 %RH, 1000 h
60
℃, 90 % to 95 %RH, Rated voltage (Jumper type :
Rated current), 1.5 h ON / 0.5 h OFF cycle, 1000 h
70
℃, Rated voltage (Jumper type : Rated current),
1.5 h ON / 0.5 h OFF cycle, 1000 h
100 mΩ or less
100 mΩ or less
Resistance
T. C. R.
Rapid change of
temperature
Load life in humidity
±3 %
Resistance to soldering
heat
±1 %
±1 %
Overload
Endurance at 70
℃
±3 %
100 mΩ or less
High temperature
exposure
±1 %
100 mΩ or less
Damp heat,
Steady state
±1 %
100 mΩ or less
20
℃
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1-Sep-20
Endurance at 70
℃
±3 %
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
70
℃,Rated voltage,1.5 h ON / 0.5 h OFF cycle,1000 h
High temperature
exposure
±1 %
Damp heat,
Steady state
±1 %
Load life in humidity
±3 %
±1 %
Resistance to
soldering heat
±1 %
Rapid change of
temperature
±1 %
Overload
Test Item
Performance
requirements
⊿R
Test conditions
Within specified
tolerance
Within specified
T. C. R.
Resistance
T. C. R.
20
℃
+25
℃ / +125 ℃
100 mΩ or less
Within specified
tolerance
100 mΩ or less
Within Specified
T. C. R.
200 mΩ or less
±2 %
100 mΩ or less
Performance
Test item
Performance requirements
⊿R
Test conditions
Resistor type
Jumper type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com