Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13005 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST13005
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13005 Datasheet(HTML) 1 Page - STMicroelectronics

  ST13005 Datasheet HTML 1Page - STMicroelectronics ST13005 Datasheet HTML 2Page - STMicroelectronics ST13005 Datasheet HTML 3Page - STMicroelectronics ST13005 Datasheet HTML 4Page - STMicroelectronics ST13005 Datasheet HTML 5Page - STMicroelectronics ST13005 Datasheet HTML 6Page - STMicroelectronics ST13005 Datasheet HTML 7Page - STMicroelectronics ST13005 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST13005
STB13005-1
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
MEDIUM VOLTAGE CAPABILITY
s
NPN TRANSISTORS
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
THROUGH-HOLE I2PAK (TO-262) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
APPLICATIONS:
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The devices are is manufactured using high
voltage Multi Epitaxial Planar technology for high
switching speeds and medium voltage capability.
They use a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCES
Collector-Emit ter Volt age (VBE = 0)
700
V
VCEO
Collector-Emit ter Volt age (IB = 0)
400
V
VEBO
Emitt er-Base Voltage (IC =0)
9
V
IC
Collector Current
4
A
ICM
Collector Peak Current (tp <5 ms)
8
A
IB
Base Current
2
A
IBM
Base Peak Current (tp <5 ms)
4
A
Ptot
Tot al Dissipation at Tc =25
oC75
W
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
1 2
3
TO-220
I2PAK
TO-262
(Suffix ”-1”)
1
2
3
1/8


Similar Part No. - ST13005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST13005 STMICROELECTRONICS-ST13005 Datasheet
272Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
ST13005 STMICROELECTRONICS-ST13005 Datasheet
234Kb / 12P
High voltage fast-switching NPN power transistor
12-Oct-2007
logo
SEMTECH ELECTRONICS LTD...
ST13005 SEMTECH_ELEC-ST13005 Datasheet
145Kb / 2P
NPN Silicon Power Transistors
logo
STMicroelectronics
ST13005 STMICROELECTRONICS-ST13005 Datasheet
204Kb / 12P
High voltage fast-switching NPN power transistor
15-May-2012
ST13005N STMICROELECTRONICS-ST13005N Datasheet
286Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
More results

Similar Description - ST13005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Nov-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-2000
SGSIF344 STMICROELECTRONICS-SGSIF344 Datasheet
90Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1997
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Mar-1999
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jun-1998
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
High voltage fast-switching NPN power transistors
18-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com