Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4252-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4252-1
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4252-1 Datasheet HTML 1Page - Linear Technology LTC4252-1 Datasheet HTML 2Page - Linear Technology LTC4252-1 Datasheet HTML 3Page - Linear Technology LTC4252-1 Datasheet HTML 4Page - Linear Technology LTC4252-1 Datasheet HTML 5Page - Linear Technology LTC4252-1 Datasheet HTML 6Page - Linear Technology LTC4252-1 Datasheet HTML 7Page - Linear Technology LTC4252-1 Datasheet HTML 8Page - Linear Technology LTC4252-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
2
425212fb
Current into VIN (100µs Pulse) ........................... 100mA
VIN, DRAIN Pin Minimum Voltage ....................... –0.3V
Input/Output Pins
(Except SENSE and DRAIN) Voltage ..........– 0.3V to 16V
SENSE Pin Voltage ................................... – 0.6V to 16V
Current Out of SENSE Pin (20
µs Pulse)........... –200mA
Current into DRAIN Pin (100
µs Pulse) ................. 20mA
Maximum Junction Temperature .......................... 125
°C
MS PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTWN
LTWQ
LTAFX
LTAGE
LTRS
LTRT
LTAFY
LTAGF
LTC4252-1CMS
LTC4252-2CMS
LTC4252A-1CMS
LTC4252A-2CMS
LTC4252-1IMS
LTC4252-2IMS
LTC4252A-1IMS
LTC4252A-2IMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
All Voltages Referred to VEE (Note 1)
Operating Temperature Range
LTC4252-1C/LTC4252-2C
LTC4252A-1C/LTC4252A-2C ................... 0
°C to 70°C
LTC4252-1I/LTC4252-2I
LTC4252A-1I/LTC4252A-2I ............... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 160°C/W
ORDER PART NUMBER
MS8 PART MARKING
LTWM
LTWP
LTRQ
LTRR
LTC4252-1CMS8
LTC4252-2CMS8
LTC4252-1IMS8
LTC4252-2IMS8
1
2
3
4
5
VIN
PWRGD
SS
SENSE
VEE
10
9
8
7
6
TIMER
UV
OV
DRAIN
GATE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
ORDER PART NUMBER
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
VIN
SS
SENSE
VEE
TIMER
UV/OV
DRAIN
GATE
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com