Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERJS12 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJS12
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS12 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJS12 Datasheet HTML 1Page - Panasonic Semiconductor ERJS12 Datasheet HTML 2Page - Panasonic Semiconductor ERJS12 Datasheet HTML 3Page - Panasonic Semiconductor ERJS12 Datasheet HTML 4Page - Panasonic Semiconductor ERJS12 Datasheet HTML 5Page - Panasonic Semiconductor ERJS12 Datasheet HTML 6Page - Panasonic Semiconductor ERJS12 Datasheet HTML 7Page - Panasonic Semiconductor ERJS12 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
● High resistance to sulfurization achieved by adopting an Au-based inner electrode (Series ERJS)
and Ag-Pd-based inner electrode (Series ERJU )
● High reliability
: Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Low resistance type
: ERJU6S, U6Q series : 0.1 Ω to 1 Ω
● Reference standard
: IEC 60115-8, JIS C 5201-8, JEITA RC-2134C
● AEC-Q200 compliant (except ERJU0X, ERJU01)
● RoHS compliant
■ As for packaging methods, land pattern, soldering conditions and safety precautions,
please see data files.
● ERJS02 to ERJS1T,ERJU0X to ERJU1T series
● ERJU6S, U6Q series
Packaging
0
ERJ S type (Au-based inner electrode type)
ERJ U type (Ag-Pd-based inner electrode type)
Embossed carrier taping
4 mm pitch, 4,000 pcs
Punched carrier taping
2 mm pitch, 10,000 pcs
Pressed carrier taping
2 mm pitch, 15,000 pcs
Pressed carrier taping
2 mm pitch, 20,000 pcs
Punched carrier taping
4 mm pitch, 5,000 pcs
Embossed carrier taping
4 mm pitch, 5,000 pcs
V
Thick film
chip resistors
U
0805
0.75 W
0.75 W
inch Power rating
U0X
S02
U02
S03
U03
S14
U14
01005
Q
±5
%
ERJ S02, S03, S06, S08, S14 series
ERJ S12, S1D, S1T series
ERJ U0X, U01, U02, U03, U06, U08, U14 series
ERJ U12, U1D, U1T, U6S, U6Q series
Code
Code
0.125 W
S12
U12
S1D
U1D
Size, Power rating
0.031 W
0.05 W
0.1 W
0.1 W
inch Power rating
1206
1210
1812
2010
S08
U08
0603
Code
G
±2
%
V
F
±1
%
0.22 Ω
 to 1 Ω
Product code
Product code
Tolerance
±0.5
%
±1
%
Resistance tolerance
Packaging methods
Part No.
D
F
ERJU0X
ERJU01
Punched carrier taping
4 mm pitch, 5,000 pcs
Thick film
chip resistors
Shown by 3 digits
or letters.
(Ex.)
R20 : 0.20 Ω=200 mΩ
1R0 : 1.0 Ω=1000 mΩ
]
±5
%
C
0.1 Ω to 0.2 Ω
S
Resistance tolerance
Code
Tolerance
Resistance value
ERJS02, ERJU02
ERJS03, ERJU03
ERJS06, ERJU06
ERJS08, ERJU08
ERJS14, ERJU14
ERJS12, ERJU12
ERJS1D, ERJU1D
ERJS1T, ERJU1T
Packaging
Part No.
S06
U06
U01
Jumper
J
X
0.25 W
0.5 W
Resistance value
The first two or three digits are significant figures
of resistance and the third or fourth one denotes
number of zeros following. Jumper is expressed
by R00.
Three digit type (±5 %),
four digit type (±0.5 %, ±1 %)
(Ex.) 222 : 2.2 kΩ, 1002 : 10 kΩ
0402
0201
Anti-Sulfurated Thick Film Chip Resistors
Features
Explanation of part numbers
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1-Sep-20
0805
0.25 W
Code
Y
U6
1 W
S1T
U1T 2512
Resistance value region
Size, Power rating
Code
inch
Power rating
Packaging methods
Code
ERJU6S
ERJU6Q
1
2
3
4
5
6
7
8
9
10
11
12
E
R
J
S
0
6
F
1
0
0
2
V
1
2
3
4
5
6
7
8
9
10
11
E
R
J
U
6
S
J
R
2
0
V


Similar Part No. - ERJS12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJS12 PANASONIC-ERJS12 Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJS12 PANASONIC-ERJS12 Datasheet
1Mb / 8P
Anti-Sulfurated Thick Film Chip Resistors
10-May-24
ERJS12 PANASONIC-ERJS12 Datasheet
589Kb / 7P
Anti-Sulfurated Thick Film Chip Resistors
Mar. 2019
ERJS12 PANASONIC-ERJS12 Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
Apr. 2015
ERJS12 PANASONIC-ERJS12 Datasheet
1Mb / 8P
Anti-Sulfurated Thick Film Chip Resistors
1-Sep-20
More results

Similar Description - ERJS12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S030R00V PANASONIC-ERJ-S030R00V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S060R00V PANASONIC-ERJ-S060R00V Datasheet
93Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
logo
List of Unclassifed Man...
CNCS34JT102 ETC-CNCS34JT102 Datasheet
800Kb / 8P
Anti-Sulfurated Thick Film Chip Resistor Arrays
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com