Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP-232PC Datasheet(PDF) 14 Page - THAT Corporation All rights reserved.

Part # DLP-232PC
Description  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

DLP-232PC Datasheet(HTML) 14 Page - THAT Corporation All rights reserved.

Back Button DLP-232PC Datasheet HTML 10Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 11Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 12Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 13Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 14Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 15Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 16Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 17Page - THAT Corporation All rights reserved. DLP-232PC Datasheet HTML 18Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
THAT 626x DEMO Datasheet
Page 14 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
Appendix B. Bill of Materials – 626x-DEMO IC Module
Item #
Description
Qty
Designator
Manufacturer
Mfr P/N
1
Cap 10u 10V NP 20% Aluminum SMD 4mm
4
C2, C3, C22, C23
Nichicon
UWP1A100MCL1GB
2
Cap 220p 50V 5% NPO Ceramic SMD 0603
2
C5, C41
TDK
C1608C0G1H221J
3
Cap 100p 50V 5% NPO Ceramic SMD 0805
4
C8, C20, C34, C46
Murata Electronics
GRM2165C1H101JA01D
4
Cap 680pF 50V 1% MLCC 0603
4
C9, C15, C29, C35
AVX
06035A681FAT2A
5
Cap 470uF 10V 20% aluminum SMD 6.3mm
2
C11, C30
Panasonic
EEE-FTA471XAP
6
Cap 100nF 50V X7R Ceramic SMD 0603
5
C55, C59, C60, C155, C156
Murata Electronics
GRM188R71H104K
7
Cap 10u 25V 20% Aluminum SMD 4.3x4.3
1
C61
United Chemi-Con
EMVA250ADA100MD55G
8
Diode 1N4148 150mA 75V 0603
4
D102, D103, D104, D105
Comchip Technology Corp.
CDSU4148
9
Conn Socket 6p Female Vert 0.1 Gold
5
J104, J105, J106, J107, J108
3M
929850-01-06-RB
10
Res 90R9 1% 0.1W Metal Film smt
4
R7, R12, R23, R32
Panasonic
ERJ-3EKF90R9V
11
Res 20k0 0%1 0.125W Thin Film 25ppm SMD 0805
4
R14, R17, R38, R41
Panasonic
ERA-6AEB203V
12
Res 330R 1% 0.1W Thick Film SMD 0603
1
R72
Bourns
CR0603-FX-3300ELF
13
Res 10k0 1% 0.1W Thick Film SMD 0603
2
R83, R84
Vishay Dale
CRCW06031002FRT1
14
6261N48-U
1
U1
THAT Corp
6261N48-U
Bill of Materials – 626x-DEMO Voltage Select Module
Item #
Description
Qty
Designator
Manufacturer
Mfr P/N
1
Conn Socket 8p Female Vert 0.1 Gold
1
J100
3M
929850-01-08-RB
2
Conn Socket 6p Female Vert 0.1 Gold
1
J103
3M
929850-01-06-RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com