Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETQP4M2R2YFN Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ETQP4M2R2YFN
Description  High heat resistance and high reliability using metal composite core (MC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ETQP4M2R2YFN Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ETQP4M2R2YFN Datasheet HTML 1Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 2Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 3Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 4Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 5Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 6Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 7Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 8Page - Panasonic Semiconductor ETQP4M2R2YFN Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Power Choke Coil (Automotive Grade)
1. PCC-M0530M / PCC-M0540M series (ETQP3M
□□□YFP / ETQP4M□□□YFP)
*1: Measured at 100 kHz
*2: The proved current value for making the overall temperature rise of 40K, when mounted on a multi-layer board with
high-heat dissipation (heat dissipation constant 5.5x5.0x3.0 mm : approx. 52 K/W, 5.5x5.0x4.0 mm
:approx. 48 K/W).
*3: The proved current value for making the overall temperature rise of 40K, when mounted on a 4-layer circuit board of
FR4 t=1.6 mm and DC current is applied.
*4: Saturation rated current : DC current which causes L(0) drop –30 %.
*5: The solderability is guaranteed for 1 year only. The product out of expiration date shall not be used
.
◆ Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions. This
should be double checked in a worst case operation mode. In normal case, the max.standard operating temperature of +150℃
should not be exceeded. For higher operating temperature conditions, please contact Panasonic representative in your area.
● Inductance vs DC Current
Part No.
22.0
163.0 (179.0)
1
1
ETQP3M2R2YFP
ETQP3M3R3YFP
ETQP4M4R7YFP
ETQP4M220YFP
31.3 ( 34.4)
1
1
PCC-M0530M
[5.5×5.0×3.0]
PCC-M0540M
[5.5×5.0×4.0]
3.1
Should a safety concern arise regarding this product, please be sure to contact us immediately.
30-Jun-22
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
2.2
±20
3.3
Series
[Size (mm)]
Inductance*1
DCR (at 20
℃)
(mΩ)
MSL
level
L0
(μH)
Tolerance
(%)
Typ. (max.)
Tolerance
(%)
*5
Standard parts
Performance characteristics (Reference
①)
4.6
36.0 ( 39.6)
Rated current (A) Typ.
△T= 40 K*2
(
 )*3
△L= –30 %*4
5.8 (4.8)
10.9
5.0 (4.1)
8.6
4.8 (4.0)
7.7
22.6 ( 24.8)
±10
2.3 (1.9)
[ ETQP3M2R2YFP ]
[ ETQP3M3R3YFP ]
[ ETQP4M4R7YFP ]
[ ETQP4M220YFP ]
0
12
0
12
1
3
4
0
5
0.0
1.0
2.5
1.5
0.5
2.0
0
4
3
5
1
2
0
10
20
30
0
12
0
4
3
5
1
2
15
5
25
10
10
10
14
14
14
8
6
2
4
8
6
2
4
8
6
2
4
2
DC Bias (A)
DC Bias (A)
DC Bias (A)
DC Bias (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com