Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816492 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816492
Description  Fabricated Thermopockets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816492 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816492 Datasheet HTML 1Page - Labfacility Ltd 2816492 Datasheet HTML 2Page - Labfacility Ltd 2816492 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TP - 1
Nov-23
Specifications
General Description
Fabricated Thermopockets in varying sizes for use with Industrial
Style Temperature Probes.
Material
316 Stainless steel
Process Thread
1/2” BSP parallel process thread
Type & Stem Diameter Suitable with 3.0 or 6.0mm diameter probes*
Stem Length
25mm, 50mm, 75mm, 100mm, 150mm
* Supplied complete with stainless steel compression fitting to suit probe
Ordering Information
Style
Process
Thread
Material
Outer
Diameter
(D)
Suits
probe
diameter
Immersion
Length (L)
Manufacturers Code Farnell
Order
Number
Fabricated 1/2" BSPP
316 S/S
8mm
3mm
25mm
PT-292-D+FC-140
3584231
Fabricated 1/2" BSPP
316 S/S
8mm
3mm
50mm
PT-294-D+FC-140
3584233
Fabricated 1/2" BSPP
316 S/S
8mm
3mm
75mm
PT-293-D+FC-140
3584232
Fabricated 1/2" BSPP
316 S/S
8mm
3mm
100mm
PT-295+FC-140
2816496
Fabricated 1/2" BSPP
316 S/S
8mm
3mm
150mm
LW-333-D+FC-140
2816497
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
25mm
PT-304-D+FC-138
3584234
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
50mm
PT-305-D+FC-138
3584235
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
75mm
PT-306-D+FC-138
3584236
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
100mm
LW-008-D+FC-138
2816495
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
150mm
LW-007-D+FC-138
2816492
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
350mm
PT-302-D+FC-138
2816493
Fabricated 1/2" BSPP
316 S/S
11.1mm
6mm
550mm
PT-303-D+FC-138
2816494



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com