Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13007 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST13007
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13007 Datasheet(HTML) 2 Page - STMicroelectronics

  ST13007 Datasheet HTML 1Page - STMicroelectronics ST13007 Datasheet HTML 2Page - STMicroelectronics ST13007 Datasheet HTML 3Page - STMicroelectronics ST13007 Datasheet HTML 4Page - STMicroelectronics ST13007 Datasheet HTML 5Page - STMicroelectronics ST13007 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
1.56
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEV
Collect or Cut-off
Current (VBE = -1.5V)
VCE =rated VCEV
VCE =rated VCEV
Tc =100
o C
10
0.5
µA
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =9 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
IC = 10 mA
400
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =2 A
IB =0.4 A
IC =5 A
IB =1 A
IC =8 A
IB =2 A
IC =5 A
IB =1 A
Tc =100
oC
1
2
3
3
V
V
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =2 A
IB =0.4 A
IC =5 A
IB =1 A
IC =5 A
IB =1 A
Tc =100
oC
1.2
1.6
1.5
V
V
V
hFE
∗
DC Current G ain
IC =2 A
VCE =5 V
Group A
Group B
IC =5 A
VCE =5 V
16
26
5
30
40
30
ts
tf
RESI STIVE LO AD
St orage Time
Fall T ime
IC =2 A
VCC =300 V
IB1 =0.4 A
IB2 =-0.4 A
tp =30
µs
34.5
350
µs
ns
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =5 A
VCL = 250 V
IB1 =1 A
IB2 =-2 A
L = 200
µH
1.6
60
2.5
110
µs
ns
ts
tf
INDUCTIVE LOAD
St orage Time
Fall T ime
IC =5 A
VCL = 250 V
IB1 =1 A
IB2 =-2 A
L = 200
µHTc = 125 oC
2.3
110
µs
ns
* Pulsed: Pulse duration = 300
µs, duty cycle 2 %
Note : DC current gain pre-selected product (Group A and Group B). STMicroelectronics reserves the right to ship either groups according
to production availability. Please contact your nearest STMicroelectronics sales office for delivery details.
ST13007
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com