Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
WM8580
Production Data
w
PD Rev 4.5 February 2008
74
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
PWDN
0
Master powerdown (overrides all
powerdown registers)
0 = All digital circuits running,
outputs are active
1 = All digital circuits in power
down mode, outputs muted
1
ADCPD
1
ADC powerdown
0 = ADC enabled
1 = ADC disabled
4:2
DACPD[2:0]
111
DAC powerdowns
0 = DAC enabled
1 = DAC disabled
DACPD[0] = DAC1
DACPD[1] = DAC2
DACPD[2] = DAC3
R50
PWRDN 1
32h
6
ALLDACPD
1
Overrides DACPD[3:0]
0 = DACs under control of
DACPD[3:0]
1= All DACs are disabled.
0
OSCPD
0
OSC output powerdown
0 = OSC output enabled
1 = OSC output disabled
A CMOS input can be applied to
the OSC input when powered
down.
1
PLLAPD
1
0 = PLLA enabled
1 = PLLA disabled
2
PLLBPD
1
0 = PLLB enabled
1 = PLLB disabled
3
SPDIFPD
1
S/PDIF Clock Recovery
PowerDown
0 = S/PDIF enabled
1 = S/PDIF disabled
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
R51
PWRDN 2
33h
5
SPDIFRXD
1
S/PDIF Receiver powerdown
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled
Table 73 Powerdown Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com