Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP8266EX Datasheet(PDF) 21 Page - Seeed Technology Co.,Ltd.

Part # ESP8266EX
Description  CPU, Memory, and Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

ESP8266EX Datasheet(HTML) 21 Page - Seeed Technology Co.,Ltd.

Back Button ESP8266EX Datasheet HTML 17Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 18Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 19Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 20Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 21Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 22Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 23Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 24Page - Seeed Technology Co.,Ltd. ESP8266EX Datasheet HTML 25Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
$
4. Peripheral Interface
4.8. IR Remote Control
ESP8266EX currently supports one infrared remote control interface. For detailed pin
definitions, please see Table 4-8 below.
The functionality of Infrared remote control interface can be implemented via software
programming. NEC coding, modulation, and demodulation are supported by this interface.
The frequency of modulated carrier signal is 38 kHz, while the duty ratio of the square wave
is 1/3. The transmission range is around 1m which is determined by two factors: one is the
maximum current drive output, the other is internal current-limiting resistance value in the
infrared receiver. The larger the resistance value, the lower the current, so is the power, and
vice versa.
4.9. ADC (Analog-to-Digital Converter)
ESP8266EX is embedded with a 10-bit precision SAR ADC. TOUT (Pin6) is defined as
below:
The following two measurements can be implemented using ADC (Pin6). However, they
cannot be implemented at the same time.
•
Measure the power supply voltage of VDD3P3 (Pin3 and Pin4).
•
Measure the input voltage of TOUT (Pin6).
Table 4-8. Pin Definitions of IR Remote Control
Pin Name
Pin Num
IO
Function Name
MTMS
9
IO14
IR TX
GPIO5
24
IO 5
IR Rx
Table 4-9. Pin Definition of ADC
Pin Name
Pin Num
Function Name
TOUT
6
ADC Interface
Hardware Design
TOUT must be floating.
RF Initialization Parameter
The 107th byte of
esp_init_data_default.bin (0 ~ 127 bytes), vdd33_const must
be set to 0xFF.
RF Calibration Process
Optimize the RF circuit conditions based on the testing results of VDD3P3 (Pin3
and Pin4).
User Programming
Use system_get_vdd33 instead of system_adc_read.
Hardware Design
The input voltage range is 0 to 1.0V when TOUT is connected to external circuit.
Espressif
$ /$
16 24
2018.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com