Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT11521 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT11521
Description  115MHz SAW Filter 6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT11521 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT11521 Datasheet HTML 1Page - SIPAT Co,Ltd LBT11521 Datasheet HTML 2Page - SIPAT Co,Ltd LBT11521 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT11521
Rev. Date
2005-10-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz SAW Filter
6MHz Bandwidth
Part Number: LBT11521
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.9
115
115.1
Insertion Loss
dB
-
25.6
27.5
1 dB Bandwidth
MHz
-
5.5
-
3 dB Bandwidth
MHz
6.1
6.17
-
30 dB Bandwidth
MHz
-
6.97
7.1
45 dB Bandwidth
MHz
-
7.13
7.2
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3.47
-
Ultimate Rejection
dB
50
57
-
Material Temperature coefficient
KHz/°C
25
Ambient Temperature
°C
-2.07
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=56nH
C1=39pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBT11521

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBT11521

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14078 SIPAT-LBT14078 Datasheet
283Kb / 3P
140MHz SAW Filter 6MHz Bandwidth
LBN11502L SIPAT-LBN11502L Datasheet
140Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT11512S SIPAT-LBT11512S Datasheet
145Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT11555 SIPAT-LBT11555 Datasheet
148Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBN11572 SIPAT-LBN11572 Datasheet
147Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBN11502L SIPAT-LBN11502L Datasheet
146Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBN11572 SIPAT-LBN11572 Datasheet
147Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT11512S SIPAT-LBT11512S Datasheet
151Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT11555 SIPAT-LBT11555 Datasheet
148Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com