Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR-P Datasheet(PDF) 2 Page - LEM

Part # HLSR-P
Description  Current Transducer HLSR-P/SP10 series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-P Datasheet(HTML) 2 Page - LEM

  HLSR-P_V01 Datasheet HTML 1Page - LEM HLSR-P_V01 Datasheet HTML 2Page - LEM HLSR-P_V01 Datasheet HTML 3Page - LEM HLSR-P_V01 Datasheet HTML 4Page - LEM HLSR-P_V01 Datasheet HTML 5Page - LEM HLSR-P_V01 Datasheet HTML 6Page - LEM HLSR-P_V01 Datasheet HTML 7Page - LEM HLSR-P_V01 Datasheet HTML 8Page - LEM HLSR-P_V01 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2/10
23April2019/Version 1
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
HLSR-P/SP10 series
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum supply voltage (not destructive)
U
C
V
8
Maximum supply voltage (not entering non standard modes)
U
C
V
6.5
Maximum primary conductor temperature
T
B
°C
120
Electrostatic discharge voltage
(HBM - Human Body Model)
U
ESD HBM
kV
2
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 5
Standards
● UL 508 and CSA C22.2 NO. 14 18 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT
Ratings
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
600
Max surrounding air temperature
T
A
°C
105
Primary current
I
P
A
According to series primary
current
Secondary supply voltage
U
C
V DC
5
Output voltage
U
out
V
0 to 5
Conditions of acceptability
1 - These devices have been evaluated for overvoltage category III and for use in pollution degree 2 environment.
2 - A suitable enclosure shall be provided in the end-use application.
3 - The terminals have not been evaluated for field wiring.
4 - These devices are intended to be mounted on a printed wiring board of end use equipment. The suitability of the connections
(including spacings) shall be determined in the end-use application.
5 - Primary terminals shall not be straightened since assembly of housing case depends upon bending of the terminals.
6 - Any surface of polymeric housing have not been evaluated as insulating barrier.
7 - Low voltage control circuit shall be supplied by an isolating source (such as a transformer, optical isolator, limiting impedance
or electro-mechanical relay).
Marking
Only those products bearing the UR Mark should be considered to be Listed or Recognized and covered under UL's Follow-Up
Service. Always look for the Mark on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com