Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HO-NP Datasheet(PDF) 13 Page - LEM

Part # HO-NP
Description  Current Transducer HO-NP series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO-NP Datasheet(HTML) 13 Page - LEM

Back Button HO-NP Datasheet HTML 8Page - LEM HO-NP Datasheet HTML 9Page - LEM HO-NP Datasheet HTML 10Page - LEM HO-NP Datasheet HTML 11Page - LEM HO-NP Datasheet HTML 12Page - LEM HO-NP Datasheet HTML 13Page - LEM HO-NP Datasheet HTML 14Page - LEM HO-NP Datasheet HTML 15Page - LEM HO-NP Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page 13/16
21October2014/Version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP series
HO-NP Series: name and codification
HO family products may be ordered
on request 1) with a dedicated setting of the parameters described below
(standards products are delivered with the setting 0000 according to the table).
HO 15-NP-XXXX
Standards products are:
- HO 8-NP-0000
- HO 15-NP-0000
- HO 25-NP-0000
Note: 1) For dedicated settings, minimum quantities apply.
Reference out:
0
2.5 V
1
1.65 V
2
1.5 V
3
0.5 V
4
only
V
ref IN
(Low power mode engaged)
Over current detection:
0
2.9
1
3.6
2
4.0
3
4.8
4
5.2
5
5.8
6
1.7
7
2.3
A
0.67
B
0.94
C
1.17
D
1.4
E
1.6
F
1.9
G
2.1
H
2.3
SET_THRESH = 0
Response time:
0
3.5 µs
1
2 µs
2
6 µs
EEPROM Control:
0
YES
1
NO
SET_THRESH = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com