Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1073 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR1073
Description  SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1073 Datasheet(HTML) 3 Page - DFROBOT

  DFR1073 Datasheet HTML 1Page - DFROBOT DFR1073 Datasheet HTML 2Page - DFROBOT DFR1073 Datasheet HTML 3Page - DFROBOT DFR1073 Datasheet HTML 4Page - DFROBOT DFR1073 Datasheet HTML 5Page - DFROBOT DFR1073 Datasheet HTML 6Page - DFROBOT DFR1073 Datasheet HTML 7Page - DFROBOT DFR1073 Datasheet HTML 8Page - DFROBOT DFR1073 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DFR1073-GP8413(2-Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
This is a 2-channel DAC module with I2C communication, a resolution of 15-bit, and 0.01% output voltage
linearity error, capable of generating analog voltage outputs of 0-10V or 0-5V. The 0-10V or 0-5V voltage
range is a standard driving method. It can be widely used in automation applications such as light
adjustment, frequency converters, valve regulation, and pump control. This product can drive a variety of
0-10V or 0-5V controlled devices available in the market through Arduino programming.
INTRODUCTION
DFR1073-GP8413(2-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:31
SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1073_2_Channel_15bit_I2C_to_0-10V_DAC
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com