Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX-Z11FB-R Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EX-Z11FB-R
Description  Ultra-minute Photoelectric Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EX-Z11FB-R Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EX-Z11FB-R Datasheet HTML 1Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 2Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 3Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 4Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 5Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 6Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 7Page - Panasonic Semiconductor EX-Z11FB-R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EX-Z11F□ EX-Z12F□ EX-Z13F□
Sensor
EX-Z11□ EX-Z12□ EX-Z13□
Sensor
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
1.5
0.059
3
0.118
Beam-emitting
part
ø2.0 ø0.079 cable,
2 m 6.562 ft long
ø2.0 ø0.079 cable,
2 m 6.562 ft long
Operation indicator (Orange)
Beam-receiving
part
Stability indicator (Green)
1.75 0.069
8 0.315
4.45 0.175
2.225 0.088
4.4
0.173
4.4
0.173
1.75
0.069
4.45 0.175
2.225 0.088
8 0.315
Operation indicator (Orange)
Stability indicator (Green)
1.5
0.059
3
0.118
2-ø2.2 ø0.087
mounting holes
ø2.2 ø0.087
mounting holes
2.9 0.114
2.9 0.114
2.5 0.098
2.5 0.098
ø2.0 ø0.079 cable,
2 m 6.562 ft long
Beam-emitting part
5.5 0.217
Stability indicator (Green)
ø2.0 ø0.079 cable,
2 m 6.562 ft long
Beam-receiving part
Operation indicator (Orange)
5.5 0.217
2-ø2.2 ø0.087
mounting holes
4.25 0.167
2.2 0.087
6.5
0.256
Operation indicator (Orange)
Stability indicator (Green)
2-ø2.2 ø0.087
mounting holes
2.2
0.087
6.5
0.256
4.25 0.167
Receiver
Emitter
Receiver
Emitter
MS-EXZ-1
Sensor mounting bracket (Optional)
Material: Stainless steel (SUS304)
Two M2 (length 4 mm 0.157 in) pan head screws and two M2
(length 8 mm 0.315 in) pan head screws are attached.
MS-EXZ-2
Sensor mounting bracket (Optional)
Material: Stainless steel (SUS304)
Two M2 (length 4 mm 0.157 in) pan head screws are attached.
7
0.276
10.5
0.413
3.2
0.126
6.8
0.268
8.5
0.335
4.75 0.187
1.75 0.069
4-M2 × 0.4 0.016
thru-hole threads
9 0.354
18.7 0.736
3.5
0.138
6.25
0.246
6.8
0.268
3.2
0.126
1.75
0.069
1.4 0.055
4-M2 × 0.4 0.016
thru-hole threads
7
Ultra-minute Photoelectric Sensor
EX-Z SERIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com