Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # T206N-F
Description  Multi-purpose Snap Switches Capable of 3A or 6A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  T206N-F Datasheet HTML 1Page - Panasonic Semiconductor T206N-F Datasheet HTML 2Page - Panasonic Semiconductor T206N-F Datasheet HTML 3Page - Panasonic Semiconductor T206N-F Datasheet HTML 4Page - Panasonic Semiconductor T206N-F Datasheet HTML 5Page - Panasonic Semiconductor T206N-F Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T-06/T-03 Series Switches
–3–
AECTB25E 201601-T
DIMENSIONS (for T-06 and T-03 series)
MOUNTING DIMENSIONS (for T-06 and T-03 series)
Notes: 1. For panel installations, use the back hex nut.
2. * Keying washer (separately sold) Part No.: AJ3083
■ Accessories (Option)
Notes: 1. The asterisk “
∗” in the part number WD1811∗ for the silicon rubber type rubber cap is where the letter representing the color should be inserted.
(B: black; R: red; Z: grey; Y: yellow; G: green.)
2. EP rubber cap is available in black only.
3. Letters on the display panel are aluminum colored and the area surrounding the letters is black.
4. Indication plate and rubber cap are compatible with the T-15 series switch, T-10 series switch, and T-03/T-06 series switches
(when plate thickness is 2.7 mm or less).
• Using the different rubber caps
We recommend silicon rubber and EP rubber caps for the following applications.
Applicable part No.
All product types
Panel cutout
(Unit: mm)
Panel thickness
Max. 2.5 mm*
(Using separately sold keying washer.)
Max. 3.5 mm
Max. 3.5 mm
Product name
Indication plate (aluminum) (Note 3)
Rubber cap (Note 1, 2, 4)
ON-OFF
ON-ON
EP rubber type
Silicone rubber type
Dimensions
(Unit: mm)
Part No.
WD1901
WD1902
WD1911
WD1811
∗
(Unit: mm) General tolerance:
±0.5
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Note: ON-OFF type does not have terminal No. 1 and 4.
External dimensions
Keyway
Keyway
6.1 dia.
25
14.8
6.1 dia.
27.5
1 pole
2-pole
28
°+8°
−4°
28
°+8°
−4°
CAD Data
12.5 dia.
9.2±0.1
3 dia.
12.5 dia.
12.3 dia.
11.5
1.5
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
10 dia.
24.5
21 dia.
M12
7
8 dia.
24.5
18 dia.
M12
8.6
1) Silicon rubber type
• When it is necessary to differentiate by color.
• When using in applications that require resistance to heat and cold.
Ambient temperature: –25
°C to +85°C (EP rubber type is 0°C to +40°C.)
• When compactness is required.
2) EP rubber type
When cost is the primary consideration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com