Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0612ZLSF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EYGS0612ZLSF
Description  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EYGS0612ZLSF Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 4Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 5Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 6Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GraphiteTIM (Compressible Type) is a graphite sheet that is dedicated for use as a thermal interface material.
The GraphiteTIM (Compressible Type) has very high compressibility compared to standard PGS, which enables
reducing the thermal resistance by following gap, warpage, and distortion of targets/substrates.
Excellent heat resistance and reliability of the GraphiteTIM help obtaining longer service life and higher performance
of various components, such as power modules.
The GraphiteTIM (Compressible Type) is cost-saving, because it may allow you to reduce your existing processes.
Unlike grease, there is no necessity for printing process , since it is a sheet-type product.
There are no problems that are found in grease and phase change materials in the GraphiteTIM,
which makes it excellent TIM.
●Thermal resistance
: 0.2 K
∙cm2/W (600 kPa)
To draw a good thermal resistance from sheet, pressure the GraphiteTIM.
A close adherence would make the product fit into the uneven part and
enhance the performance.
●Thermal conductivity
: X-Y direction 200 to 400 W/m
∙K,
Z direction (28 W/m
∙K)
●Compressibility
: 40% or more (600 kPa)
●High and long term reliability : operating temperature range –55 to 400 °C
●RoHS compliant
For cooling/heat transfer of electronic devices
Install in IGBT module
that generates heat, such as power modules.
● Inverters and converters
● Car-mounted camera, motor control unit, automotive LED,
luminous source of laser HUD, medical equipment
● Base station, Server
● GraphiteTIM (EYG✽✽✽✽✽Z✽✽✽)
✽ Please contact us for custom-made products.
Explanation of part numbers
Should a safety concern arise regarding this product, please be sure to contact us immediately.
13-Jan-22
PGS
350 μm
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
0909
90 mm × 90 mm
High compressible
type
Standard type
Graphite Sheet
0918
90 mm × 180 mm
Product Code
Dimension
Thickness of GraphiteTIM
250 μm
ZR
200 μm
Style
1818
180 mm × 180 mm
S
R
ZL
“GraphiteTIM (Compressible Type)”
PGS with low thermal resistance
EYGS, EYGR type
Features
Recommended applications
1
2
3
4
5
6
7
8
E
Y
G
S
0
9
1
8
9
10
Z
L
11
12
X
2
After pressure
to GraphiteTIM.
Suffix
IGBT module
GraphiteTIM
Heatsink


Similar Part No. - EYGS0612ZLSF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS0612ZLSF PANASONIC-EYGS0612ZLSF Datasheet
94Kb / 4P
Soft-PGS (Compressible Type) PGS with low thermal resistance
EYGS0612ZLSF PANASONIC-EYGS0612ZLSF Datasheet
138Kb / 4P
“GraphiteTIM(Compressible Type)” PGS with low thermal resistance
Sep. 2018
EYGS0612ZLSF PANASONIC-EYGS0612ZLSF Datasheet
859Kb / 7P
“GraphiteTIM (Compressible Type)” PGS with low thermal resistance
13-Jan-22
More results

Similar Description - EYGS0612ZLSF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
SQ9945AE VISHAY-SQ9945AE Datasheet
119Kb / 9P
Package with Low Thermal Resistance
23-Oct-08
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
logo
Panasonic Semiconductor
EYGS1431ZLAA PANASONIC-EYGS1431ZLAA Datasheet
94Kb / 4P
Soft-PGS (Compressible Type) PGS with low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com