| Electronic Components Datasheet Search |
|
P89LPC906FD Datasheet(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC906FD Datasheet(HTML) 41 Page - NXP Semiconductors |
|
41 / 53 page ![]() Philips Semiconductors P89LPC906/907/908 8-bit microcontrollers with two-clock 80C51 core Product data Rev. 04 — 21 November 2003 41 of 53 9397 750 12289 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. data interface using a commercially available EPROM programmer which supports this device. This device does not provide for direct verification of code memory contents. Instead this device provides a 32-bit CRC result on either a sector or the entire 1 KB of user code space. 8.26.5 In-circuit programming (ICP) In-Circuit Programming is performed without removing the microcontroller from the system. The In-Circuit Programming facility consists of internal hardware resources to facilitate remote programming of the P89LPC906/907/908 through a two-wire serial interface. The Philips In-Circuit Programming facility has made in-circuit programming in an embedded application, using commercially available programmers, possible with a minimum of additional expense in components and circuit board area. The ICP function uses five pins. Only a small connector (with VDD, VSS, RST, clock, and data signals) needs to be available to interface your application to a commercial programmer in order to use this feature. Additional details may be found in the P89LPC906/907/908 User’s Manual. 8.26.6 In-application programming (IAP-Lite) In-Application Programming is performed in the application under the control of the microcontroller’s firmware. The IAP-Lite facility consists of internal hardware resources to facilitate programming and erasing. The Philips In-Application Programming Lite has made in-application programming in an embedded application possible without additional components. This is accomplished through the use of four SFRs consisting of a control/status register, a data register, and two address registers. Additional details may be found in the P89LPC906/907/908 User’s Manual. 8.26.7 Using flash as data storage The Flash code memory array of this device supports individual byte erasing and programming. Any byte in the code memory array may be read using the MOVC instruction, provided that the sector containing the byte has not been secured (a MOVC instruction is not allowed to read code memory contents of a secured sector). Thus any byte in a non-secured sector may be used for non-volatile data storage. 8.26.8 User configuration bytes Some user-configurable features of the P89LPC906/907/908 must be defined at power-up and therefore cannot be set by the program after start of execution. These features are configured through the use of the Flash byte UCFG1. Please see the P89LPC906/907/908 User’s Manual for additional details. 8.26.9 User sector security bytes There are four User Sector Security Bytes, each corresponding to one sector. Please see the P89LPC906/907/908 User’s Manual for additional details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |