Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0612ZLSF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EYGS0612ZLSF
Description  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EYGS0612ZLSF Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 4Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 5Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 6Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
“GraphiteTIM (Compressible Type)” PGS with low thermal resistance
44
Center
Type / Composition example
80
Standard
Part No.
Standard
Part No.
Standard
Part No.
a
:
Lateral size
b
:Longitudinal
size
Hole
diameter
d
:Lateral
hole pitch
29
EYGS0509ZLGK
EYGR0509ZLGK EYGR0509ZRGK
46
92
2
6.7
Center
e
:Longitudinal
hole pitch
28
EYGS0409ZLGJ
EYGR0409ZLGJ
EYGR0409ZRGJ
80
32
EYGS0309ZLAK
EYGR0309ZLAK
EYGR0309ZRAK
29.5
90
2
6.6
Center
80
33
EYGS0509ZLMH
EYGR0509ZLMH EYGR0509ZRMH
51
86
2
4.7
–
60
36
EYGS0607ZLGL
EYGR0607ZLGL
EYGR0607ZRGL
58
70
4
5.7
50
62
37
EYGS0507ZLML
EYGR0507ZLML
EYGR0507ZRML
45.3
66
2
4.7
–
171
40
EYGS0404ZLMP
EYGR0404ZLMP EYGR0404ZRMP
36
38
1
4.5
Center
Center
41
EYGS1018ZLSA
EYGR1018ZLSA
EYGR1018ZRSA
104.5
183
8
7
93
116
44
EYGS0715ZLSD
EYGR0715ZLSD
EYGR0715ZRSD
67
153
4
5.6
57
143
45
EYGS0613ZLSE
EYGR0613ZLSE
EYGR0613ZRSE
61
128
4
5.6
50
49
EYGS0410ZLSJ
EYGR0410ZLSJ
EYGR0410ZRSJ
43
103
2
5.7
Center
EYGS1012ZLSH
EYGR1012ZLSH
EYGR1012ZRSH
104.5
121
4
6.7
93
109.5
Center
52
EYGS0305ZLSM
EYGR0305ZLSM EYGR0305ZRSM
27
51
1
4.6
Center
Center
53
EYGS0204ZLSN
EYGR0204ZLSN
EYGR0204ZRSN
24
37
1
4.6
Center
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
13-Jan-22
56
EYGS1014ZLDB
EYGR1014ZLDB
EYGR1014ZRDB
98
138
4
6.7
86
127
80
80
31
EYGS0409ZLMG EYGR0409ZLMG EYGR0409ZRMG
41
88
2
5.7
Center
80
30
EYGS0309ZLMF
EYGR0309ZLMF
EYGR0309ZRMF
32
92
2
6.7
Center
93
2
6.7
77
35
EYGS0608ZLMK
EYGR0608ZLMK EYGR0608ZRMK
55
78
2
4.5
Center
40
34
EYGS0508ZLMJ
EYGR0508ZLMJ
EYGR0508ZRMJ
46.2
83
2
4.7
–
Center
39
EYGS0506ZLMM EYGR0506ZLMM EYGR0506ZRMM
48
55
1
4.5
Center
Center
38
EYGS0407ZLAL
EYGR0407ZLAL
EYGR0407ZRAL
40
66
1
7.7
Center
150
43
EYGS1116ZLSC
EYGR1116ZLSC
EYGR1116ZRSC
112
158
8
5
101
150
42
EYGS1516ZLSB
EYGR1516ZLSB
EYGR1516ZRSB
148
158
8
5
137
5.6
50
110
47
EYGS0612ZLSG
EYGR0612ZLSG EYGR0612ZRSG
61.5
124
4
5.6
50
110
46
EYGS0612ZLSF
EYGR0612ZLSF
EYGR0612ZRSF
63.3
124
4
5.6
50
93
48
EYGR0303ZRSP
29
32
1
4.5
Center
77
51
EYGS0606ZLSL
EYGR0606ZLSL
EYGR0606ZRSL
58
62
2
5.6
44
50
50
EYGS0609ZLSK
EYGR0609ZLSK
EYGR0609ZRSK
61.5
91
4
(mm)
Center
55
EYGS0911ZLDA
EYGR0911ZLDA
EYGR0911ZRDA
92
109
4
6
78
No.
Hole
number
200 µm
250 µm
350 µm
(mm)
(mm)
(ømm)
(mm)
93
54
EYGS0303ZLSP
EYGR0303ZLSP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com