Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TC115D-F
Description  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TC115D-F Datasheet HTML 1Page - Panasonic Semiconductor TC115D-F Datasheet HTML 2Page - Panasonic Semiconductor TC115D-F Datasheet HTML 3Page - Panasonic Semiconductor TC115D-F Datasheet HTML 4Page - Panasonic Semiconductor TC115D-F Datasheet HTML 5Page - Panasonic Semiconductor TC115D-F Datasheet HTML 6Page - Panasonic Semiconductor TC115D-F Datasheet HTML 7Page - Panasonic Semiconductor TC115D-F Datasheet HTML 8Page - Panasonic Semiconductor TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2013.09 industrial.panasonic.com/ac/e/
Panasonic Corporation 2013
©
Automation Controls Catalog
–1–
ASSORTMENT
Remarks: *1: Only standard type
*2: Only wire leads type
15A HIGH SNAP SWITCHES
TOGGLE, ROCKER AND
PUSH-BUTTON TYPES
T-15 SERIES
SWITCHES
Kind of actuator
Standard
type
Sealed type
Number of pole
Shape of terminal
Panel-
sealed
type
Terminal-
sealed
type
Wire leads
type
1P
2P
3P
4P
Solder
terminal
Screw
terminal
.250 Quick-
connect
terminal
Wire lead
Toggle type
Available
Available
Available
Available
Available
Available
Available*1 Available*1
Available
Available
Available*1 Available*2
Rocker type
Available
Available
Available
Available
Available
Available
—
—
Available
Available
—
Available*2
Push-button type
Available
Available
—
—
Available
Available
—
—
Available
Available
—
—
FEATURES
1. Series now includes rocker and
push-button switches.
Based on the well-established T-15
Series switch, the mechanism is kept as
is and a rocker type and push-button type
have been added to the series. (Note that
the push-button type is rated at 10 A.)
2. Sealed type added for use in
different environments.
Packing is used where parts join and an
O-ring is used to seal moving parts. New
to the series, this type can be used in
harsh environments such as those with
water, oil, dust, and gas.
• Panel-sealed type
Entry of water, oil, dust and gas from the
front of the panel is prevented.
(Panel front: IP67*; Inside of panel: IP40)
• Terminal-sealed type
Both switch body and terminals have
been sealed to protect from dust and gas
that enters from the panel.
(Panel front: IP67*; Inside of panel: IP60)
• Wire lead type
Furthermore, a cover is provided for the
terminals to keep out water and oil that
enters from the panel.
(Panel front: IP67*; Inside of panel: IP67)
Remark: The asterisk in “Panel front: IP67*” means
this only applies to toggle and push-button
types.
The panel surface for the rocker type is IP64.
Please see NOTES 1 and 2 regarding use of
the sealed type.
3. Rubber cap also available in silicon
type for excellent weather resistance.
• 5 colors available so you can distinguish
switches by purpose.
<Example>
Black: For main power supply
Grey: For setting and switching
Red: For resetting
• With a usable ambient temperature
range of –25
°C to +85°C, use is possible
in environments that require resistance
against heat and cold.
12 dia.
Square
hole
Toggle
Push-
button
Rocker
RoHS compliant
Prevention of water, oil,
dust, and gases from
entering through the
panel with O-rings
Sealing the joint part
of switch body with
packing rubber.
Terminal area is sealed
with epoxy resin.
Sealing with a cover
and epoxy resin.
Partly to Be Discontinued:
With agency standard type
Last time buy:September 30, 2014
AECTB5E 201309-T


Similar Part No. - TC115D-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TC115D-F PANASONIC-TC115D-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
872Kb / 19P
Snap Switches Capable of 15 A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
690Kb / 17P
15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
TC115D-F PANASONIC-TC115D-F Datasheet
9Mb / 24P
TOGGLE SWITCH
More results

Similar Description - TC115D-F

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Schneider Electric
9001KU17 SCHNEIDER-9001KU17 Datasheet
137Kb / 2P
30mm Push Button, Types K or SK, clear protective boot, for selector switches
Jan 6, 2022
logo
Littelfuse
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com