Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2108-BT/TV2M Datasheet(PDF) 2 Page - pro-elec

Part # 2108-BT/TV2M
Description  Extension Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

2108-BT/TV2M Datasheet(HTML) 2 Page - pro-elec

  2108-BT/TV2M Datasheet HTML 1Page - pro-elec 2108-BT/TV2M Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Extension Leads
Page <2>
22/10/11 V1.1
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro - ELEC is the registered trademark of the Group. © Premier Farnell plc 2011.
Safety Specifications:
Item
Conditions
Requirements
Appearance
-
No defect such as cracks, deep scratches or blemishes
Marking
-
Shall be legible and must be clear
Insulation resistance
500 + 250 V dc for 1 minute
Shall not be less than 5 M
Ω
Dielectric strength
2,000 ±60 V for 1 minute
No damage or breakdown
Resistance to aging
70° ±5° (168 hrs.)
No cracks or become sticky
Construction
20° ±5°
Complied with figure 11, 12, 14 and 16 gauge
Torque test
Value of 0.6 Nm (6.1 kgf / cm)
Terminal, cord grip and cover screws shall withstand the
torque applied
Glow wire test
650° / 750° electrically heated
Flame must extinguish within 30 s
Temperature rise
14 A, 250 V
Temperature rise must not exceed:
1. Terminals or terminations
: 52 K
2. Accessible surface
: 52 K
Make and break test of switch
13 A, 250 V (15,000 times)
Voltage drop across each switched pole shall not exceed
75 mV
Cord anchorage test
1. 3 kg Pull force test for 0.5mm2
cable
2. 6 kg Pull force test for 1 mm2 or
above cable
The flexible cord shall not be displaced by more than 2
mm after being pull 25 times
Drop test
Fit with 3 G1.25 mm2 cable, 2.25 m
and drop at a height of 0.4 m above
the floor.
No external damage which might affect safety and no
components shall have become detached
Live parts accessibility
Subjected to 1 mm test probe with
applied force of 5 N when they are
mounted and wired as in normal use
Live parts of socket shall not be accessible
Specification Table
Description
Type
Part Number
Extension Lead, 4 Gang, Switched, 2M
Rewireable
2188RFI-2M
Extension Lead, 6 Gang, Switched, 2M
2189RFI-2M
Extension Lead, 6 Gang, Switched, 2M
2108-BT/TV2M
www.farnell.com
www.cpc.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com