Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT12101 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT12101
Description  121.8MHz SAW Filter 7.8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT12101 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT12101 Datasheet HTML 1Page - SIPAT Co,Ltd LBT12101 Datasheet HTML 2Page - SIPAT Co,Ltd LBT12101 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT12101
Rev. Date
2005-3-29
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
121.8MHz SAW Filter
7.8MHz Bandwidth
Part Number: LBT12101
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
121.72
121.8
121.88
Insertion Loss
dB
24
24.5
3 dB Bandwidth
MHz
7.8
7.81
30 dB Bandwidth
MHz
8.73
8.8
40 dB Bandwidth
MHz
8.86
9.1
Passband Variation
dB
0.5
1
Absolute Delay
usec
2.72
4
Group Delay Variation(f0±3.12MHz)
nsec
100
200
Ultimate Rejection
dB
40
45
Subatrate Material
112LT
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=56nH
C1=33pF C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT12101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT12101 SIPAT-LBT12101 Datasheet
145Kb / 3P
121.8MHz SAW Filter 7.8MHz Bandwidth
More results

Similar Description - LBT12101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN12205 SIPAT-LBN12205 Datasheet
160Kb / 4P
121.8MHz SAW Filter 25MHz Bandwidth
LBS12204 SIPAT-LBS12204 Datasheet
139Kb / 3P
121.8MHz SAW Filter 2MHz Bandwidth
LBT16601 SIPAT-LBT16601 Datasheet
276Kb / 3P
166.8MHz SAW Filter 7.8MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0427A TAI-SAW-TB0427A Datasheet
253Kb / 7P
456MHz 7.8MHz BW SMD5x5mm IF SAW Filter
logo
SIPAT Co,Ltd
LBN12205 SIPAT-LBN12205 Datasheet
165Kb / 4P
121.8MHz SAW Filter 25MHz Bandwidth
LBS12204 SIPAT-LBS12204 Datasheet
144Kb / 3P
121.8MHz SAW Filter 2MHz Bandwidth
LBT12101 SIPAT-LBT12101 Datasheet
145Kb / 3P
121.8MHz SAW Filter 7.8MHz Bandwidth
LBT16601 SIPAT-LBT16601 Datasheet
282Kb / 3P
166.8MHz SAW Filter 7.8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com