Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45-1. Datasheet(PDF) 1 Page - pro-elec

Part # 45-1.
Description  SURGE PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

45-1. Datasheet(HTML) 1 Page - pro-elec

  45-1. Datasheet HTML 1Page - pro-elec 45-1. Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURGE PROTECTION
Page 1
15/02/08 V1.0
Specifications Table
Connector
Type B
Connector
Type
Lead
Length
(m)
Voltage
Rating
(V ac)
Maximum
Clamping
Voltage
(V)
Maximum
Contact
Current
(A)
Number
of
Outputs
Cable
Type
Energy
Rating
(J)
Number of
Ways
Part Number
UK Main
Modem
2
240
-
-
8
UK Mains
500
8
183-1
UK Socket
-
250
6000
13
-
Mains
-
45-1
Specifications:
Connector Type A
: UK Mains Plug.
Current Rating
: 13A.


Similar Part No. - 45-1.

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-11-BNSB-39404501E8 EVERLIGHT-45-11-BNSB-39404501E8 Datasheet
316Kb / 19P
Hyper Mini Top View LEDs
2013-05-16
logo
EAO AG.
45-1131.1110.000.101 EAO-45-1131.1110.000.101 Datasheet
160Kb / 2P
Pushbutton
9/7/2016
45-1131.1110.000.102 EAO-45-1131.1110.000.102 Datasheet
160Kb / 2P
Pushbutton
9/7/2016
45-1131.1140.000.101 EAO-45-1131.1140.000.101 Datasheet
160Kb / 2P
Pushbutton
9/7/2016
45-1131.2110.000.102 EAO-45-1131.2110.000.102 Datasheet
161Kb / 2P
Pushbutton
9/7/2016
More results

Similar Description - 45-1.

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-2.D.123456 PF-P-LB-2.D.123456 Datasheet
826Kb / 4P
Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6G PF-K-LB-1.6G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
Surge Protection Barrier
2022-01-12
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com