Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AB Datasheet(PDF) 1 Page - TUK Ltd

Part # 2AB
Description  Insertion Tools
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

2AB Datasheet(HTML) 1 Page - TUK Ltd

  2AB Datasheet HTML 1Page - TUK Ltd 2AB Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Insertion Tools
Insertion tool ( 2AB)
Features
•
Terminates and crops excess wire simultaneously
•
Integral wire extraction hook
•
Robust design suitable for system installation
•
OEM available for re-branding or re-design
•
Enhanced anti-vibration features ensure a lifetime of at least 10,000 terminations
•
Available in grey (2AN) and blue with logo (2AB)
Specifications
•
Moulded plastic housing
•
Strengthened nylon head
•
Hardened manganese steel jaws
•
32.5mm x 175mm x 20mm approx


Similar Part No. - 2AB

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DR IDEAL-TEK-2AB.SA.DR Datasheet
453Kb / 2P
ESD Rubber Grip Tweezers
2AB.SA.T IDEAL-TEK-2AB.SA.T Datasheet
462Kb / 1P
PTFE coated tweezers
REV.00 - 20.12.2022
2AB.SA.T.0 IDEAL-TEK-2AB.SA.T.0 Datasheet
462Kb / 1P
PTFE coated tweezers
REV.00 - 20.12.2022
logo
Altech corporation
2AB1 ALTECH-2AB1 Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
More results

Similar Description - 2AB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-90 BOURNS-H-90 Datasheet
50Kb / 1P
Adjustment Tools
logo
List of Unclassifed Man...
T123500 ETC2-T123500 Datasheet
344Kb / 2P
Pad Cutters, Insertion Tools
WC-590 ETC2-WC-590 Datasheet
70Kb / 6P
Crimping tools
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
Crimping tools
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
Extraction Tools
408-7347 TEC-408-7347 Datasheet
137Kb / 2P
This instruction sheet covers the use of insertion tools
408-10191 TEC-408-10191 Datasheet
73Kb / 2P
Quadrax Ferrule Insertion Tools
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
FLARING TOOLS
logo
SICK AG
ES21-XA100 SICK-ES21-XA100 Datasheet
279Kb / 3P
Mounting tools
logo
NXP Semiconductors
CODEWARRIORPRDS NXP-CODEWARRIORPRDS Datasheet
416Kb / 9P
Development Tools
REV 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com