Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3582260 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 3582260
Description  4 Core PTFE Insulated, Silver Plated Copper Screen, PRT Sensor Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582260 Datasheet(HTML) 2 Page - Labfacility Ltd

  3582260 Datasheet HTML 1Page - Labfacility Ltd 3582260 Datasheet HTML 2Page - Labfacility Ltd 3582260 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
RTD CABLE - 69
Nov-23
Specifications
General Description
4 core PTFE insulated 7/0.2mm silver plated copper conductors,
twisted cores, kapton tape, silver plated copper braided screen
with PTFE insulated outer jacket
Cable Length
5, 10, 25m
Cable Type
wrapped PTFE tape construction
Core / Strands
7/0.2mm
Insulation Material
Overall black PTFE insulation
Max. Temperature
+260°C
Min. Temperature
-75°C
Number of Wires
4
Standards Met
Cores colour coded 2 x Red / 2 x White to IEC-751 + black outer
jacket
Ordering Information
Type
Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
4 Core
RTD
PTFE
7/0.2mm
5m (16.4ft)
WC-014-D
3582260
4 Core
RTD
PTFE
7/0.2mm
10m (32.8ft)
WC-014-D
3582261
4 Core
RTD
PTFE
7/0.2mm
25m (82ft)
WC-014-D
4073281



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com