Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3582271 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 3582271
Description  IEC Type E PFA Insulated Flat Pair Thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582271 Datasheet(HTML) 2 Page - Labfacility Ltd

  3582271 Datasheet HTML 1Page - Labfacility Ltd 3582271 Datasheet HTML 2Page - Labfacility Ltd 3582271 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 29
Nov-23
Specifications
General Description
Resistant to oils, acids other adverse agents and fluids.
Good mechanical strength and flexibility. PTFE better for
steam/elevated pressure environments.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Single pair of PFA insulated conductors, laid flat with PFA
jacket
Core / Strands
7/0.2mm
Conductor Cross Section 7/0.2
(mm2)
0.219
Outer Colour
Purple
+ Colour
Purple
- Colour
White
Drain Wire
No
Insulation Material
PFA Insulated
Loop Resistance 7/0.2 (Ohms per
combined metre)
5.3
Max. Temperature
+260°C
Min. Temperature
-75°C
+ Conductor
Nickel Chromium
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
E
Tolerance
Class 1
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
E
IEC
PFA FLAT PAIR
7/0.2mm
10m (32.8ft)
WE-250-D
3582269
E
IEC
PFA FLAT PAIR
7/0.2mm
25m (82ft)
WE-250-D
3582270
E
IEC
PFA FLAT PAIR
7/0.2mm
50m (164.1ft)
WE-250-D
3582271
E
IEC
PFA FLAT PAIR
7/0.2mm
100m (328.1ft)
WE-250-D
3582272



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com