Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WK-075-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # WK-075-D
Description  BS Type ‘Kx’ Glassfibre with Stainless Steel Overbraid Extension Thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WK-075-D Datasheet(HTML) 2 Page - Labfacility Ltd

  WK-075-D Datasheet HTML 1Page - Labfacility Ltd WK-075-D Datasheet HTML 2Page - Labfacility Ltd WK-075-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 16
Nov-23
Specifications
General Description
Good temperature range but will not prevent ingress of
fluids. Fairly flexible but does not provide good
mechanical protection.
Cable Length
5m, 10m, 25m, 50m
Cable Type
Conductors laid flat, Glassfibre insulated with Glassfibre
overall, silicone varnished throughout
Core / Strands
1/0.315mm
Conductor Cross Section 1/0.315
(mm2)
0.078
Drain Wire
No
Insulation Material
Glassfibre insulated with Stainless Steel Overbraid
Loop Resistance 1/0.315
(Ohms per combined metre)
12.8
Max. Temperature
+350°C (short periods up to 400°C)
Min. Temperature
-60°C
+ Conductor
Nickel Chromium
- Conductor
Nickel Aluminium
Screen
No
Standards Met
Colour code (cores & jacket) to former British Standard –
BS1843-1952
Thermocouple Type
KX’ extension cable for extending ‘K’ type thermocouples
Tolerance
Class 2
Ordering Information
Type Colour
Code
Cable Style
Strand
Size
Length
Manufacturers
Code
Farnell
Order
Code
Kx
BS
GLASSFIBRE FLAT PAIR + SSOB 7/0.2mm 5m (16.4ft)
WK-075-D
3582313
Kx
BS
GLASSFIBRE FLAT PAIR + SSOB 7/0.2mm 10m (32.8ft)
WK-075-D
3582316
Kx
BS
GLASSFIBRE FLAT PAIR + SSOB 7/0.2mm 25m (82ft)
WK-075-D
3582314
Kx
BS
GLASSFIBRE FLAT PAIR + SSOB 7/0.2mm 50m (164.1ft)
WK-075-D
3582315



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com