Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816527 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816527
Description  Fine Wire Disc Thermocouple, PTFE with Miniature Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816527 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816527 Datasheet HTML 1Page - Labfacility Ltd 2816527 Datasheet HTML 2Page - Labfacility Ltd 2816527 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-20
Nov-23
Specifications
General Description
Exposed junction thermocouple with Copper Disc
brazed at tip
Sensor Type
Copper disc, 6.35mm diameter x 0.3mm thick
Thermocouple Type
Type K or J
Thermocouple
Junction
Grounded measuring junction
Cable Length
1m, 2m
Cable Type
1/0.2mm PTFE insulated twisted wire
Termination Type
Miniature Plug or Bare tails
Max. Temperature
200°C
Min. Temperature
0°C
Standards Met
IEC
Accessories
Supplied with high temperature adhesive kapton strips
(13x18mm x 5) for quick and easy attachment to
surface/process
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1m
Miniature Plug
Z2-K-1-MP-DISC-IEC IEC
3584283
K
2m
Miniature Plug
Z2-K-2-MP-DISC-IEC IEC
2816527
J
1m
Miniature Plug
Z2-J-1-MP-DISC-IEC IEC
3584284
J
2m
Miniature Plug
Z2-J-2-MP-DISC-IEC IEC
3584285



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com