Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073494 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4073494
Description  Adjustable Bayonet Thermocouple, Glassfibre Stainless Steel Overbraided Cable - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073494 Datasheet(HTML) 1 Page - Labfacility Ltd

  4073494 Datasheet HTML 1Page - Labfacility Ltd 4073494 Datasheet HTML 2Page - Labfacility Ltd 4073494 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
Adjustable Bayonet Thermocouple, Glassfibre
Stainless Steel Overbraided Cable - IEC


Similar Part No. - 4073494

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4073491 LABFACILITY-4073491 Datasheet
701Kb / 3P
3.4kg Pull Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - IEC
Nov-23
4073492 LABFACILITY-4073492 Datasheet
697Kb / 3P
0.7kg Pull Button Magnet Thermocouple, PTFE Insulated with Miniature or Standard Plug - IEC
Nov-23
4073493 LABFACILITY-4073493 Datasheet
701Kb / 3P
3.4kg Pull Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - IEC
Nov-23
4073495 LABFACILITY-4073495 Datasheet
692Kb / 3P
Hypodermic Tip Thermocouple, PTFE- BS
Nov-23
4073497 LABFACILITY-4073497 Datasheet
741Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- IEC
Nov-23
More results

Similar Description - 4073494

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
04-06100SS OENINDIA-04-06100SS Datasheet
67Kb / 1P
Stainless Steel Cable Ties
logo
TT Electronics.
DS3012 TTELEC-DS3012 Datasheet
287Kb / 1P
Adjustable Bayonet Thermocouple
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com