Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3582275 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 3582275
Description  BS Type ‘J’ PVC Insulated Flat Pair Extension Thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582275 Datasheet(HTML) 2 Page - Labfacility Ltd

  3582275 Datasheet HTML 1Page - Labfacility Ltd 3582275 Datasheet HTML 2Page - Labfacility Ltd 3582275 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 17
Nov-23
Specifications
General Description
Good general purpose insulation for 'light' environments.
Waterproof and very flexible.
Cable Length
10, 25, 50, 100m
Cable Type
Flat pair construction
Core / Strands
7/0.2mm
Conductor Cross Section 7/0.2
(mm2)
0.219
Outer Colour
Black
+ Colour
Yellow
- Colour
Blue
Drain Wire
No
Insulation Material
PVC Insulated
Loop Resistance 7/0.2 (Ohms
per combined metre)
2.7
Max. Temperature
+105°C
Min. Temperature
-10°C
+ Conductor
Iron
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to former British Standard –
BS1843-1952
Thermocouple Type
J
Tolerance
Class 2
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
J
BS
PVC FLAT PAIR
7/0.2mm
10m (32.8ft)
WJ-005-D
4073298
J
BS
PVC FLAT PAIR
7/0.2mm
25m (82ft)
WJ-005-D
3582274
J
BS
PVC FLAT PAIR
7/0.2mm
50m (164.1ft)
WJ-005-D
3582275
J
BS
PVC FLAT PAIR
7/0.2mm
100m (328.1ft)
WJ-005-D
3582277



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com