Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502-310 Datasheet(PDF) 2 Page - Digilent

Part # 502-310
Description  PmodRS485™ Reference Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent

502-310 Datasheet(HTML) 2 Page - Digilent

  502-310 Datasheet HTML 1Page - Digilent 502-310 Datasheet HTML 2Page - Digilent 502-310 Datasheet HTML 3Page - Digilent 502-310 Datasheet HTML 4Page - Digilent  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PmodRS485™ Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 2 of 4
Inputs
Output
A-B Voltage
Difference
~RE
RxD
≥ -0.03V
Low or Not Connected
High
≤ -0.2V
Low or Not Connected
Low
-0.2V < A-B < -0.03V
Low or Not Connected
Don't Care
Inputs Open
Low or Not Connected
High
Don't Care
High
High Impedance
Table 1. Receiving.
Inputs
Output
DE
TxD
Y
Z
High
High
High
Low
High
Low
Low
High
Low
Don't Care
High Impedance
High Impedance
Table 2. Transmitting.
Pin
Signal
Description
1
~RE
Receive Enable
2
TxD
Transmit Data
3
RxD
Receive Data
4
DE
Driver Enable
5
GND
Power Supply Ground
6
VCC
Positive Power Supply (3.3V/5V)
Figure 1. PmodRS485 functional block diagram.
Signal
Description
A
Input A
B
Input B
Z
Output Z
Y
Output Z
Table 3. Pinout description table: Pmod Header J2.
Table 4. Screw terminals.
RS485
Transceiver
RE
DE
TXD
RXD
GND
VCC
JP1
Y-output
Z-output
B-input
A-input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com