Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73BW2HTTP103G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73BW2HTTP103G
Description  RK73BFlat Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73BW2HTTP103G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73BW2HTTP103G Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73BW2HTTP103G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THICK FILM(GENERAL PURPOSE)
RK73B Flat Chip Resistors
■Construction
Coating color:Black
■Features
・Wide lineup from 01005 to 2512 size.
・Excellent heat resistance and weather resistance are ensured by
the use of metal glaze thick film.
・Suitable for both flow and reflow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1F).
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
■Ratings
Operating Temperature Range :−55℃∼+125℃(1F)、−55℃∼+155℃(1H・1E・1J・2A・2B・2E・W2H・W3A・W3A2)
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
For flat chip jumper resistor, please refer to RK73Z series.
※5 If you use at the rated power, please keep the condition that the terminal of the resistor is below the rated terminal part temperature. Please refer to the derating curves based on the terminal temperature of right side on the next page.
※6 Standard packaging:TD(4mm pitch punch paper)
※7 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
While using under high power, the temperature of the product may increase depending on the condition of heat dissipation from PCB.
Be sure to check the terminal part temperature as well as precautions to use on delivery specifications before use.
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
EU
RoHS
※2 With type A(1E,1J,2A,2B)only T is available as the terminal surface material.
No resistance marking.
※3 Products with gold plated electrodes are also available with 1E, 1J and 2A types(10Ω∼1MΩ), so please consult with us.
※4 With type 1F, 1H, W2H, W3A, W3A2 only T is available as the terminal surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous material other than the substance specified by
EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
■Type Designation
 Example
Type
Power
Rating
Rated Ambient
Temp.
Rated Terminal
Part Temp.
T.C.R.
(×10−6/K)
Resistance Range(Ω)
Max. Working
Voltage
Max. Overload
Voltage
Packaging & Q'ty/Reel(pcs)
G:±2%
E24
J:±5%
E24
TX
TBL
TCM※7
TPL・TP
TD
TE
1F
0.03W
70℃
̶
±200
100k∼1M
100k∼10M
20V
30V
40,000 20,000
̶
̶
̶
̶
±250
10∼91k
10∼91k
0∼+300
1∼9.1
1∼9.1
1H
0.05W
70℃
125℃
±200
10∼10M
10∼10M
25V
50V
̶
̶
15,000
̶
̶
̶
±400
̶
1∼9.1
1E
0.1W
70℃
125℃
±200
1∼10M
1∼10M
75V
100V
̶
̶
̶
TPL:20,000
TP :10,000
̶
̶
1J
0.1W
70℃
125℃
±200
1.1k∼10M
1.1k∼10M
̶
̶
̶
TP:10,000※6 5,000
̶
±400
̶
11M∼22M
0.125W
70℃
125℃
±200
1∼1k
1∼1k
2A
0.25W
70℃
125℃
±200
1∼1M
1∼1M
150V
200V
̶
̶
̶
TP:10,000※6 5,000 4,000※6
±400
1.1M∼10M
1.1M∼10M
2B
0.25W
70℃
125℃
±200
1∼5.6M
1∼5.6M
200V
400V
̶
̶
̶
̶
5,000 4,000※6
±400
6.2M∼10M
6.2M∼22M
2E
0.5W
70℃
125℃
±200
10∼5.6M
1∼5.6M
̶
̶
̶
̶
5,000 4,000※6
±400
̶
6.2M∼10M
W2H
0.75W
70℃
125℃
±200
10∼5.6M
1∼5.6M
̶
̶
̶
̶
̶
4,000
±400
̶
6.2M∼22M
W3A
1.0W
70℃
125℃
±200
10∼5.6M
1∼5.6M
200V
400V
̶
̶
̶
̶
̶
4,000
±400
̶
6.2M∼22M
W3A2
2.0W※5
70℃
95℃
±200
10∼5.6M
1∼5.6M
200V
400V
̶
̶
̶
̶
̶
4,000
±400
̶
6.2M∼22M
■Dimensions
※1 RK73B 2H, 3A and 3A2 are also still available (different“d”dimensions=0.4+0.2
−0.1
mm)
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02
0.10±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
−0.05
0.5±0.05
0.2±0.1
0.25+0.05
−0.1
0.35±0.05
0.68
1E AT(0402)
0.25±0.10
0.3±0.15
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
1J AT(0603)
0.35±0.15
0.5±0.2
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
−0.1
0.5±0.1
4.54
2A AT(0805)
0.45±0.25
0.6±0.2
0.55±0.10
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4+0.2
−0.1
0.6±0.1
9.14
2B AT(1206)
0.55±0.35
0.8±0.2
2E(1210)
2.6±0.2
0.5±0.3
0.4+0.2
−0.1
15.5
W2H(2010)※1
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A(2512)※1
6.3±0.2
3.1±0.2
37.1
W3A2(2512)※1
Characteristic
Nil:Standard
A:Heat shock
resistance※2
Terminal
Surface Material
T:Sn
G:Au※3
(L:Sn/Pb※4)
Taping
TX:4mm width-
  1mm pitch plastic
  embossed
TBL・TCM:
2mm pitch
press paper
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
Nominal
Resistance
3 digits
Resistance
Tolerance
G:±2%
  J:±5%
RK73B
2B
T
TD
103
J
Product
Code
Power
Rating
1F:0.03W
1H:0.05W
1E:0.1W
1J:0.1W
0.125W
2A:0.25W
2B:0.25W
2E:0.5W
W2H:0.75W
W3A:1W
W3A2:2W※4
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024


Similar Part No. - RK73BW2HTTP103G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73BW2HTTP102G KOA-RK73BW2HTTP102G Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
RK73BW2HTTP102J KOA-RK73BW2HTTP102J Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
More results

Similar Description - RK73BW2HTTP103G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
Chip Resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
Chip resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com