Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73ZW2HTTP Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73ZW2HTTP
Description  JUMPER RK73Z Flat Chip Jumper Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73ZW2HTTP Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73ZW2HTTP Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73ZW2HTTP Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Taping
TX : 4mm width-1mm pitch
plastic embossed
TBL・TCM : 2mm pitch
press paper
TPL・TP : 2mm pitch
punch paper
TD : 4mm pitch punch paper
TE : 4mm pitch plastic embossed
BK : Bulk
Product
Code
Current
Rating
  1F:0.5A
  1H:0.5A
  1E:1A
  1J:1A
  2A:2A
  2B:2A
  2E:2A
 W2H:2A
 W3A:2A
Characteristic
 Nil : Standard
  A : Heat shock
resistance※2
Terminal
Surface Material
  T:Sn
  G:Au※3
(L:Sn/Pb※4)
JUMPER
RK73Z Flat Chip Jumper Resistors
■Construction
Coating color:Green (1H, 1E)
Black (1F, 1J, 2A, 2B, 2E, W2H, W3A)
■Features
・Wide lineup from 01005 to 2512 size.
・Excellent heat resistance and weather resistance, because of the
use of glaze thick film as resistive film.
・Suitable for both flow and reflow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1F).
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
EU
RoHS
※2 With type A(1E,1J,2A,2B)only T is available as the terminal
surface material. No resistance marking.
※3 Products with gold plated electrodes are also available with 1E, 1J
and 2A types, so please consult with us.
※4 With type 1F and 1H, W2H, W3A only T is available as the terminal
surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous
material other than the substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on
the back pages.
■Type Designation
 Example
RK73Z
2B
 
T
TD
■Dimensions
※1 RK73Z 2H and RK73Z 3A are also still available (different“d”dimensions=0.4  mm)
+0.2
−0.1
■Ratings
Type
Rated Ambient
Temp.
Rated Terminal
Part Temp.
Resistance
Current Rating
Max. Overload
Current
Operating
Temp. Range
Packaging & Q’ty /Reel(pcs)
TX
TBL
TCM※6
TPL・TP
TD
TE
1F
70℃
̶
50mΩ max.
0.5A
1A
−55℃∼+125℃ 40,000 20,000
̶
̶
̶
̶
1H
125℃
−55℃∼+155℃
̶
̶
15,000
̶
̶
̶
1E
70℃
125℃
50mΩ max.
1A
2A
̶
̶
̶
TPL:20,000
TP :10,000
̶
̶
1J
̶
̶
̶
TP :10,000※5
5,000
̶
2A
70℃
125℃
50mΩ max.
2A
5A
̶
̶
̶
TP :10,000※5
5,000
4,000※5
2B
10A
̶
̶
̶
̶
5,000
4,000※5
2E
̶
̶
̶
̶
5,000
4,000※5
W2H
̶
̶
̶
̶
̶
4,000
W3A
̶
̶
̶
̶
̶
4,000
※5 Standard packaging:TD(4mm pitch punch paper)
※6 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer tovIntroduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02 0.10±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
−0.05
0.5±0.05
0.2±0.1
0.25+0.05
−0.1
0.35±0.05
0.68
1E AT(0402)
0.25±0.10
0.3±0.15
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
1J AT(0603)
0.35±0.15
0.5±0.2
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
−0.1
0.5±0.1
4.54
2A AT(0805)
0.45±0.25
0.6±0.2
0.55±0.10
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4+0.2
−0.1
0.6±0.1
9.14
2B AT(1206)
0.55±0.35
0.8±0.2
2E(1210)
2.6±0.2
0.5±0.3
0.4+0.2
−0.1
15.5
W2H※1(2010)
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A※1(2512)
6.3±0.2
3.1±0.2
37.1
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024


Similar Part No. - RK73ZW2HTTP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73ZW2HTTP KOA-RK73ZW2HTTP Datasheet
206Kb / 2P
zero ohm jumper chip resistor
RK73ZW2HTTPL KOA-RK73ZW2HTTPL Datasheet
206Kb / 2P
zero ohm jumper chip resistor
More results

Similar Description - RK73ZW2HTTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
Precision flat chip resistors
logo
Welwyn Components Limit...
WL4 WELWYN-WL4 Datasheet
67Kb / 2P
Jumper Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011400 HOKURIKU-E011400 Datasheet
89Kb / 4P
Flat Chip Resistors
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
Jumper Wire & Zerohm Resistors
logo
Samtec, Inc
FJ-20-D-02.00-2 SAMTEC-FJ-20-D-02.00-2 Datasheet
155Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-10-D-06.00-4 SAMTEC-FJH-10-D-06.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-20-D-04.00-4 SAMTEC-FJH-20-D-04.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-30-R-12.00-4 SAMTEC-FJH-30-R-12.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
FJH-40-D-02.00-4 SAMTEC-FJH-40-D-02.00-4 Datasheet
173Kb / 1P
FLAT FLEXIBLE CABLE (FFC) JUMPER
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
Ultra-low ohmic jumper chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com