Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1534APT Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1534APT
Description  500mA SMART LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1534APT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1534APT Datasheet HTML 3Page - STMicroelectronics ST1534APT Datasheet HTML 4Page - STMicroelectronics ST1534APT Datasheet HTML 5Page - STMicroelectronics ST1534APT Datasheet HTML 6Page - STMicroelectronics ST1534APT Datasheet HTML 7Page - STMicroelectronics ST1534APT Datasheet HTML 8Page - STMicroelectronics ST1534APT Datasheet HTML 9Page - STMicroelectronics ST1534APT Datasheet HTML 10Page - STMicroelectronics ST1534APT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ST1534A
7/15
Figure 13 : Hysteresis vs Temperature
Figure 14 : Threshold
Figure 15 : Glitch
Figure 16 : Threshold
Figure 17 : Glitch
Figure 18 : Line Transient
VI=3.5 to 4.5V,ts=tf>100µs, IO=500mA, CI=0.1+4.7µF,
CO=33+0.1µF
VI=3.5 to 5V, IO=500mA, CO=33+0.1µF,withP-Channel
VI=3.5 to 4.5V,ts=tf>100µs, No LoadCI=0.1+4.7µF,
CO=33+0.1µF
VI=3.5 to 5V, IO=500mA, CO=33+0.1µF,withP-Channel
VI=4.5 to 5.5V, IO=10mA, CI=0.1+4.7µF, CO=33+0.1µF,
CAUX=0.1µF,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com