Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

655-1403-104F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 655-1403-104F
Description  1/2 " Snap-in Panel Mount Indicators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

655-1403-104F Datasheet(HTML) 2 Page - Dialight Corporation

  655-1403-104F Datasheet HTML 1Page - Dialight Corporation 655-1403-104F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialightsignalsandcomponents.com
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at:
www.dialightsignalsandcomponents.com
Warranty Statement: Except for the warranty expressly provided for [herein/above/below], Dialight disclaims any and all other warranties, express or implied, including, without limitation, any warranties of merchantability, fitness
for a particular purpose, title, and noninfringement.
Dialight_PMI_data_655_Jan2018
Ordering Information 655 Series
Dialight P/N
Color
Voltage
(V DC)
Current
(mA)
Typical
Intensity (mcd)
Wire Leads
Solder Terminals
Flat Lens
655-1103-103F
655-1103-104F
 Red
12
20
70
655-1203-103F
655-1203-104F
 Green
120
655-1303-103F
655-1303-104F
 
Yellow
100
655-1403-103F
655-1403-104F
 Blue
70
655-1104-103F
655-1104-104F
 Red
24
70
655-1204-103F
655-1204-104F
 Green
120
655-1304-103F
655-1304-104F
 
Yellow
100
655-1404-103F
655-1404-104F
 Blue
70
Domed Lens
655-2103-103F
NA
 Red
12
20
70
655-2203-103F
NA
 Green
140
655-2303-103F
NA
 
Yellow
45
655-2403-103F
NA
 Blue
50
655-2104-103F
NA
 Red
24
70
655-2204-103F
NA
 Green
140
655-2304-103F
NA
 
Yellow
45
655-2404-103F
NA
 Blue
50
Part Number Guide
RoHS Compliant
6
5
5 - X
X
X
X - 1
0
X
F
Lens Style
Voltage
Termination
Flat
1
3
12VDC
3
Wire Leads
Domed
2
4
24VDC
4
Solder
Terminals
Color
(Flat Lens only)
1
0
 
Red
2
0
 Green
3
0
 
Yellow
4
0
 
Blue



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com