Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMU2E-R Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # CMU2E-R
Description  Multi-Industry General Purpose Smart Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CMU2E-R Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  CMU2E-R Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CMU2E-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPECIFICATION
MODEL (Note.8)
VOLTAGE RANGE
LCD DISPLAY
CURRENT
ANALOG INPUT
Note.4
DIGITAL INPUT
Note.4
MONITORED
LED INDICATOR
RELAY CONTACT
Note.4
ANALOG OUTPUT
Note.4
DIGITAL OUTPUT
Note.4
WORKING TEMP.
Note.2
LCD PANEL
Note.2
PMBUS
Note.7
CANBUS
Note.7
USB/RS-232/RS-485
COMM. INTERFACE
Note.1
PMBUS
Note.4
SD CARD SLOT
CANBUS
Note.4
FIRMWARE UPDATE
UI LANGUAGE
NETWORK
LOG
EXTENSION CARDS
Note.1
WEB SERVER
PROTOCOLS
STORAGE TEMP.
VIBRATION
DIMENSION
MTBF
OTHERS
NOTE
PACKING
-25 ~ +60
℃
I/P & O/P Voltage, O/P current, temperature, fan rpm
PMBus, CANbus, RS-485, RS-232
PMBus v1.1
SDHC 32GB Max.
CANbus 2.0B
Update can be done via SD card or Ethernet access
English, Traditional/Simplified Chinese
Support IEEE802.3, 10/100base network
Record data and events
Extension Cards
TCP/IP, NTP, SMTP, Modbus TCP
Details of settings please refer to user's manual
Display status of system, parameters, data being logged or download
7" TFT LCD, resolution 800x480, capacitive touch panel
2 PMBus ports, PMBus V1.1
2 CANBus ports, CANBus 2.0B
2 USB ports, RS-232 port, RS-485 port
-40 ~ +
℃
60
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
680K hrs min.
Telcordia TR/SR-332 (Bellcore) ; 75.9K hrs min.
MIL-HDBK-217F (25
)(-C)
℃
690.3K hrs min.
Telcordia TR/SR-332 (Bellcore) ; 78.9K hrs min.
MIL-HDBK-217F (25
)(-E)
℃
1.68Kg; 8pcs/14.4Kg/2.14CUFT
245*70*164.2mm (L*W*H)
IEC62368-1, BS EN/EN62368-1 approved
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.7KVDC
O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
℃
ENVIRONMENT
ETHERNET
FUNCTION
Multi-Industry General Purpose Smart Controller
CMU2 series
INPUT
OUTPUT
85 ~ 264VAC; 120-370VDC
Display the DC output voltage, current, and status of each PSU
0.6A / 115VAC
0.4A / 230VAC
Green: Power on/ Normal
Red: Fault/ Abnormal
4 user programmable channels, 30V/1A
5 user programmable channels, 0-10V
5 user programmable channels, open collector signal
5 Channels, 0-10V, 12bit resolution
5 Channels, open collector signal
SAFETY &
EMC
(Note 5)
ISOLATION RESISTANCE Note.3
SAFETY STANDARDS
Compliance to BS EN/EN55032 (CISPR32) Conduction Class B, Radiation Class A ; BS EN/EN61000-3-2,-3
Compliance to BS EN/EN61000-4-2,3,4,5,6,8,11, BS EN/EN61000-6-1(BS EN/EN50082-2), light industry level, criteria A
EMC IMMUNITY
EMC EMISSION
WITHSTAND VOLTAGE Note.3
File Name:CMU2-SPEC 2024-03-19
COMMUNICATION
PROTOCOLS
SUPPORTED
DISPLAY
EXTENSION
CARDS
CMU2
483.6*66.3*132mm (L*W*H)
2.16Kg; 6pcs/14Kg/2.91CUFT
-R
CMU2
1.Depend on application.
2.LCD may freeze under -20 .
℃
3.CN36,CN37 are considered as O/P.
4.All functions of signal connectors: DIN/DOUT,AIN/AOUT,Relay,RS-232,RS-485,PMBus,CANBus are defind by application. Please check
installation manual for detail.
5.The controller
EMC is tested by the controller unit, no control equipment is
is considered a component which will be installed into a final equipment.
connected. The final equipment must re-confirmed that still meets EMC directives. For guidance on how to perform these EMC test, Please refer to
“EMI testing of component power supplies”.(as available on https://www.meanwell.com//Upload/PDF/EMI_statement_en.pdf)
6.The RTC power supply used super capacitors, which can last for only 7 days. If the time exceeds the limit, the RTC date must be re-adjusted.
7.Up to 40 power supplies can be operate in parallel connection, and possible up to 48 power supplies.
8.Order model only CMU2C-P##, CMU2C-R-P##, CMU2C-C##, CMU2C-R-C##
.
and optional CMU2A-#R# available
※
:
Product Liability Disclaimer For detailed information, please refer to https://www.meanwell.com/serviceDisclaimer.aspx
BUZZER
Alarms, mute
Button click & alarms, mute
FREQUENCY RANGE
47 ~ 63Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com