Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ABDR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1480ABDR
Description  3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ABDR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1480ABDR Datasheet HTML 4Page - STMicroelectronics ST1480ABDR Datasheet HTML 5Page - STMicroelectronics ST1480ABDR Datasheet HTML 6Page - STMicroelectronics ST1480ABDR Datasheet HTML 7Page - STMicroelectronics ST1480ABDR Datasheet HTML 8Page - STMicroelectronics ST1480ABDR Datasheet HTML 9Page - STMicroelectronics ST1480ABDR Datasheet HTML 10Page - STMicroelectronics ST1480ABDR Datasheet HTML 11Page - STMicroelectronics ST1480ABDR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
ST1480A
8/22
Note:
1
∆V
OD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes
state.
2
Measured on |tPLH(A)-tPHL(A)| and |tPLH(B)-tPHL(B)|
3
The transceivers are put into shutdown by bring RE high and DE low. If the input are in state
for less than 80ns, the part are guaranteed not to enter shutdown. If the inputs are in this
state for at least 300ns, the parts are guaranteed to have entered shutdown.
Table 11.
Receiver switching characteristics
VCC = 3V to 3.6V, TA = -40 to 85°C, unless otherwise specified. Typical values are referred
to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay
VID= 0V to 3V, CL1 =15pF
(Figure 12. and Figure 13.)
30
50
ns
tRPDS
|tPLH - tPHL| Propagation
delay skew
VID= 0V to 3V, CL1 = 15pF
(Figure 12. and Figure 13.)
13
ns
tPZL
Output enable time
CRL = 15pF, (Figure 14. and Figure 18.)10
20
ns
tPZH
Output enable time
CRL = 15pF, (Figure 14. and Figure 18.)10
20
ns
tPHZ
Output disable time
CRL = 15pF, (Figure 14. and Figure 18.)10
20
ns
tPLZ
Output disable time
CRL = 15pF, (Figure 14. and Figure 18.)10
20
ns
tZH(SHDN)
Receiver enable from
shutdown to output high
CRL = 15pF, (Figure 14. and Figure 18.)10
20
ns
tZL(SHDN)
Receiver enable from
shutdown to output low
CRL = 15pF, (Figure 14. and Figure 18.)20
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com