Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR73W2HTTDR10D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SR73W2HTTDR10D
Description  SR73 Low Resistance Flat Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR73W2HTTDR10D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SR73W2HTTDR10D Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR73W2HTTDR10D Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR73W2HTTDR10D Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THICK FILM (LOW RESISTANCE)
SR73 Low Resistance Flat Chip Resistors
■Construction
Coating color:Black (1H)
Indigo (1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2)
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
EU
RoHS
■Type Designation
 Example
SR73
2B
T
TD
R10
J
Product
Code
Power
Rating
1H:0.1W
1E:0.166W
1J :0.2W
0.25W
2A:0.33W
0.5W※5
2B:0.33W
0.5W※5
2E:0.5W
0.66W※5
W2H:0.75W
W3A:1.0W
W3A2:2.0W※5
Terminal
Surface Material
T :Sn
G:Au※2
(L:Sn/Pb)※3
Taping
TCM:2mm pitch
press paper
TPL・TP:
2mm pitch
punch paper
TD:4mm pitch
punch paper
TE:4mm pitch
plastic
embossed
BK:Bulk
Nominal
Resistance
D,F :4 digits
G,J :3 digits
Ex.
0.1Ω:R100
47mΩ:47L
Resistance
Tolerance
D :±0.5%
F :±1%
G :±2%
J :±5%
Resistance Value
(Ω)
3digits
24m∼91m
24L∼91L
0.1∼0.91
R10∼R91
1∼9.1
1R0∼9R1
10
100
Resistance Value
(Ω)
4digits
0.1∼0.976
R100∼R976
1∼9.76
1R00∼9R76
10
10R0
■Dimensions
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1H(0201)
0.6±0.03.
0.3±0.03
0.1±0.05
0.15±0.05
0.23±0.03
0.14
1E(0402)
1.0
.
0.5
.
0.25±0.1
0.25±0.1
0.35±0.05
0.68
1J(0603)
1.6±0.2
0.8
.
0.35±0.1
0.35±0.1
0.45±0.1
2.14
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3
.
0.5±0.1
4.54
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4
.
0.6±0.1
9.14
2E(1210)
2.6±0.2
15.50
W2H(2010)※1
5.0±0.2
2.5±0.2
0.65±0.15
24.30
W3A(2512)※1
6.3±0.2
3.1±0.2
37.10
W3A2(2512)※1
+0.2
−0.1
+0.2
−0.1
+0.1
−0.05
+0.1
−0.05
+0.15
−0.1
※1 SR73 2H, 3A and 3A2 are also still available (different“d”dimensions=0.4  mm)
+0.2
−0.1
When the terminal part temperature of the resistor exceeds the rated terminal part temperature shown above, the power shall be
derated according to the derating curve.
※Please refer to“Introduction of the derating curves based on the terminal part temperature”on the beginning of our catalog before use.
100
80
60
40
20
0
-60 -40 -20 0204060
150
-55
80 100 120 140 160
Terminal part temperature(℃)
110
105
95
あ1
あ1
2B: 0.5W(110℃)
2E: 0.66W(110℃)
2A: 0.5W(105℃)
W3A2: 2.0W(95℃)
Terminal part temperature
SR73 2A(0.5W),SR73 2B(0.5W),
SR73 2E(0.66W),SR73 W3A2
■Derating Curve
For resistors operated at an ambient temperature of 70℃ or higher,
the power shall be derated in accordance with the above derating
curve.
100
80
60
40
20
0
-60 -40 -20 0204060
70
150
-55
80 100 120 140 160
Ambient temperature(℃)
125
あ1
あ1
1H
1E,1J,2A,
2B,2E,W2H,
W3A(1W),
W3A2(2W)
100
80
60
40
20
0
-60 -40 -20 0204060
150
-55
80 100 120 140 160
Terminal part temperature(℃)
125
あ1
あ1
1E: 0.166W(125℃)
1J: 0.2W/0.25W(125℃)
2A: 0.33W(125℃)
2B: 0.33W(125℃)
2E: 0.5W(125℃)
W2H: 0.75W(125℃)
W3A: 1.0W(125℃)
Terminal part temperature
Ambient temperature
■Features
・Current detecting resistors for power supply, motor circuits, etc.
・High reliability and performance with resistance tolerance ±
0.5%, T.C.R. ±100×10−6/K
・Suitable for both reflow and flow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1H).
■Applications
・Car electronics, Computers, HDDs, Cellular-telephones, Power
supplies, and Motor circuits, etc.
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
※2 Products with gold plated electrodes are also available only 1J, 2A and 2B type
 
(0.1Ω∼10Ω、F:±1%、J:±5%), so please consult with us.
※3 With type 1H, W2H and W3A, W3A2 only T is available as the terminal surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous material other than the
substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on the back pages.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024


Similar Part No. - SR73W2HTTDR10D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR73W2HTTD1R00 KOA-SR73W2HTTD1R00 Datasheet
98Kb / 2P
lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
SR73W2HTTDD1R00 KOA-SR73W2HTTDD1R00 Datasheet
98Kb / 2P
lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR73W2HTTDR10D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
KOA Speer Electronics, ...
SR731ET KOA-SR731ET Datasheet
128Kb / 8P
Low Resistance Flat Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
High Power Low Resistance Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
low resistance flat chip resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com