Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1/2BC1/2M12.5 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MF1/2BC1/2M12.5
Description  MF, MFS, RK .general purpose metal film leaded resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MF1/2BC1/2M12.5 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MF1/2BC1/2M12.5 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MF1/2BC1/2M12.5 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
5/13/23
MF
MFS
RK
features
MF, MFS, RK
.general purpose metal film leaded resistor
dimensions and construction
Ceramic Core
d
D
Marking
Resistive
Film
Insulation Coating
Trimming Line
End
Cap
Lead
Wire
L
l
C
L (ref.)
MF1/4
.248±.02
(6.3±0.5)
.280
(7.1)
.091±.012
(2.3±0.3)
.024
(0.6)
1.10±.118
(28.0±3.0)
1.10±.118
(28.0±3.0)
.024
(0.6)
.437
(11.1)
.354±.04
(9.0±1.0)
.138±.016
(3.5±0.4)
.437
(11.1)
.354±.04
(9.0±1.0)
MF1/2C
MF1/2D
.024/.031
(0.6)/(0.8)
MF1/2L
Type
C (max.)
D
d (nom.)
l*
Dimensions
inches
(mm)
1/4: T26, T52, VT,
VTP, VTE, MT,
M, U, M10,
M12.5
1/2: T26, T52,
VTP, VTE,
M12.5, M15
1:
T521
ordering information
+2%: 2 significant
figures + 1 multiplier
+0.5%,+1%:
3 significant figures
+ 1 multiplier
“R” indicates
decimal on value
<100Ω
1/4: 0.25W
1/2: 0.50W
1: 1W
C: SnCu
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
MF
1/2
C
Termination
Material
MF1/2L: T52
& Bulk Only:
6: 0.6mm
8: 0.8mm
Blank: All
others sizes
& packaging
Lead
Diameter
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and
Forming
T52
1003
A: Ammo
R: Reel
Packaging
R
F
For further information on packaging, please refer
to Appendix C.
C: ±50
D: ±100
L: ±200
G: ±250
B: ±350
T.C.R.
D
MFS1/4
.126 +.02
-.008
(3.2 +0.5)
-0.2
.133
(3.4)
.018
(0.45)
.024
(0.6)
.091±.012
(2.3±0.3)
.280
(7.1)
.248±.02
(6.3±0.5)
MFS1/2
.066 +.016
-.004
(1.7 +0.4)
-0.1
1.50±.118
(38.0±3.0)
EU
RK1/4
.248±.02
(6.3±0.5)
.280
(7.1)
.091±.012
(2.3±0.3)
.024
(0.6)
.024
(0.6)
.138±.016
(3.5±0.4)
.437
(11.1)
.374±.04
(9.5±1.0)
RK1/2
.031
(0.8)
.217±.02
(5.5±0.5)
.720
(18.3)
.610±.04
(15.5±1.0)
RK1
0.94 min.
(24.0 min.)
Derating Curve
100
80
60
40
20
-60
-40
0
40
60
80
100
160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
Surface Temperature Rise
70
50
40
30
20
025
50
75
% Rated Power
0
100
10
60
MFS1/2
MF1/2
MF1/4
MFS1/4
* Lead length changes depending on taping and forming.
• Semi-precision metal film resistors
• Meets requirements of MIL-R-22684
• Suitable for automatic machine insertion
• MFS two times the power rating of the standard body type
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
• AEC-Q200 Tested: MF1/4, MFS1/4, MFS1/2
.138 +.016
-.02
(3.5 +0.4)
-0.5
1.10 +.012
-.016
(28.0 +3.0)
-4.0


Similar Part No. - MF1/2BC1/2M12.5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MF1/2S WELWYN-MF1/2S Datasheet
67Kb / 2P
Power Metal Film Resistors
More results

Similar Description - MF1/2BC1/2M12.5

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
RNS1YC KOA-RNS1YC Datasheet
95Kb / 2P
MIL approved metal film leaded resistor
MF14LCT52RR20J KOA-MF14LCT52RR20J Datasheet
271Kb / 2P
general purpose metal film leaded resistor
RNS18ECT52R1001F KOA-RNS18ECT52R1001F Datasheet
260Kb / 2P
MIL approved metal film leaded resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com