Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF455B Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SF455B
Description  CDMA 450 Low Loss TX Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SF455B Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SF455B Datasheet HTML 1Page - SIPAT Co,Ltd SF455B Datasheet HTML 2Page - SIPAT Co,Ltd SF455B Datasheet HTML 3Page - SIPAT Co,Ltd SF455B Datasheet HTML 4Page - SIPAT Co,Ltd SF455B Datasheet HTML 5Page - SIPAT Co,Ltd SF455B Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SF455B
Rev. Date
2006-7-11
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
PR1.0
Page 1/6
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
CDMA 450 Low Loss TX Filter
System Designator
A/B
Function
TX
Part Number: SF455B
1Test conditions
RF power
0
dBm
Room Temperature
23
°C
Terminating source impedance (ZS):
50
Terminating load impedance (ZL):
50
2Specifications
Minimum
Typical
Maximum
Unit
Centre frequency
454.99
MHz
Pass Band
452.5
457.48
MHz
Insertion Loss in Pass Band
2
2.8
dB
VSWR in Pass Band
1.3:1
1.5:1
Absolute Rejection
0.3 MHz – 442.59 MHz
28
30
dB
462.5 MHz – 467.5MHz
35
45
dB
462.5 MHz – 467.5 MHz*)
40
45
dB
467.5 MHz – 1565 MHz
28
34
dB
1565 MHz – 1585 MHz
32
35
dB
1585 MHz – 2200 MHz
32
35
dB
Maximum Power (452.5MHz-457.48MHz)
+27
dBm
Operating temperature range
-30
+85
°C
Storage temperature range
-40
+100
°C
Temperature coefficient of frequency
-30
ppm/°C
*) Temperature Range
-10…+60C°


Similar Part No. - SF455B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF455A ETC1-SF455A Datasheet
437Kb / 6P
CDMA 450 Low Loss TX Filter
logo
SIPAT Co,Ltd
SF455A SIPAT-SF455A Datasheet
437Kb / 6P
CDMA 450 Low Loss TX Filter
More results

Similar Description - SF455B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF455A ETC1-SF455A Datasheet
437Kb / 6P
CDMA 450 Low Loss TX Filter
logo
SIPAT Co,Ltd
SF453A SIPAT-SF453A Datasheet
458Kb / 6P
CDMA 450 Low Loss TX Filter
SF453B SIPAT-SF453B Datasheet
417Kb / 6P
CDMA 450 Low Loss TX Filter
SF455A SIPAT-SF455A Datasheet
437Kb / 6P
CDMA 450 Low Loss TX Filter
SF463B SIPAT-SF463B Datasheet
556Kb / 7P
CDMA 450 Low Loss TX Filter
SF465B SIPAT-SF465B Datasheet
521Kb / 7P
CDMA 450 Low Loss TX Filter
SF465C SIPAT-SF465C Datasheet
420Kb / 6P
CDMA 450 Low Loss TX Filter
logo
Oscilent Corporation
803-RF453.5M-C OSCILENT-803-RF453.5M-C Datasheet
143Kb / 5P
CDMA 450, RF-Tx SAW Filter
862-RF453.75M-C OSCILENT-862-RF453.75M-C Datasheet
154Kb / 5P
CDMA 450, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA454DP TRANSKO-TA454DP Datasheet
316Kb / 4P
CDMA 450, RF-Tx SAW Filter
Revision 0: October 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com