Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP38F6 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP38F6
Description  PAL/B/G Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP38F6 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP38F6 Datasheet HTML 1Page - SIPAT Co,Ltd SP38F6 Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For PAL/B/G Filter
Parameter
Unit
Minimum
Typical
Maximum
Reference
Frequency
MHz
-
38.9
-
Insertion Loss
dB
23
25
Passband variation
dB
0.5
1.0
@33.8MHz relative Loss
dB
-1.0
-0.6
@39.65MHz relative Loss
dB
-1.0
-0.6
@33.4MHz relative Loss
dB
-17
-15
@40.15MHz relative Loss
dB
-23
-20
@38.9MHz Group Delay
nsec
-25
0
25
@37.9MHz Group Delay
nsec
18
53
78
@368.9MHz Group Delay
nsec
65
90
115
@35.9MHz Group Delay
nsec
50
75
100
@35.15MHz Group Delay
nsec
-25
0
25
@34.47MHz Group Delay
nsec
-195
-170
-145
@34.1MHz Group Delay
nsec
-450
-400
-350
Outband
Rejection(10-33.05M)
dB
45
55
Outband
Rejection(40.4-70M)
dB
45
55
In/Out impedence
50ohms
Substrate Material
128LN
Ambient Temperature
°C
25
Package Size
sc20
(38.1x25.4x6mm
3)
Frequency Characteristic
SP38F6


Similar Part No. - SP38F6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP380 ETC-SP380 Datasheet
157Kb / 3P
NOR GATES
logo
SIPAT Co,Ltd
SP38003 SIPAT-SP38003 Datasheet
47Kb / 3P
SAW Filter Electrical Characteristic
SP38003 SIPAT-SP38003 Datasheet
53Kb / 3P
SAW Filter Electrical Characteristic
SP3801 SIPAT-SP3801 Datasheet
71Kb / 1P
SAW Filter Electrical Characteristic
SP3801 SIPAT-SP3801 Datasheet
72Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - SP38F6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
Digital Comb Filter (NTSC/PAL)
logo
Integrated Circuit Syst...
SF0036BA01033T ICST-SF0036BA01033T Datasheet
217Kb / 2P
36.8 MHz Filter for VSB system B/G - IF Applications
Rev 1.1
SF0036BA01072T ICST-SF0036BA01072T Datasheet
213Kb / 2P
36.3 MHz Filter for VSB system B/G - IF Applications
SF0036BA01967T ICST-SF0036BA01967T Datasheet
203Kb / 2P
36.7 MHz Filter for VSB system B/G - IF Applications
logo
Faraday Technology
FSC4PF FARADAY-FSC4PF Datasheet
25Kb / 2P
4X FSC PAL PRE FILTER
FSC4PS FARADAY-FSC4PS Datasheet
26Kb / 2P
4X FSC PAL POST FILTER
logo
Advantech Co., Ltd.
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
802.11 b/g/n
logo
Suntsu Electronics, Inc...
SATPC-30A5AF-WFB1 SUNTSU-SATPC-30A5AF-WFB1 Datasheet
453Kb / 3P
IEEE802.11 (b/g/n)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com