Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSD-05-D-08.00-01-RW-R Datasheet(PDF) 2 Page - Samtec, Inc

Part # HCSD-05-D-08.00-01-RW-R
Description  IDC SOCKET & TERMINAL CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HCSD-05-D-08.00-01-RW-R Datasheet(HTML) 2 Page - Samtec, Inc

  HCSD-05-D-08.00-01-RW-R Datasheet HTML 1Page - Samtec, Inc HCSD-05-D-08.00-01-RW-R Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HCMD, HCMS, HCSD, HCSS SERIES
HCSD–10–S–03.00–01–T–G
HCSS–15–S–03.00–01–G
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
6
Same as –S “XX” except outer strip
connected to conductor #2 and inside
strip connected to conductor #1.
4
#1 wire opposite position #1
5
Breakout starts with Number 1
lead indicated by brown wire or
red stripe. Shown on top side.
“XX”
(127.00)
5.00 max.
(50.80)
2.00 min.
6
When mating double row connector
with two single row connectors, the
outer most single will be connected
to Conductor #1 and the inside single
to Conductor #2.
(50.80)
2.00
min.
(101.60)
4.00 minimum
Outer Most
(End of
Assembly)
“XX” ± 1/
8" (3.18)
Single Row
Connectors
Double Row
Strips
(50.80)
2.00
min.
(101.60)
4.00 minimum
Outer Most
(End of
Assembly)
“XX” ± 1/
8" (3.18)
6
OTHER
OPTIONS
NOTCH
POLARIZATION
2
Standard cable is color coded. Specify
–G for Gray cable with one red edge.
1
Specify “XX” as position. For Double
the same position will be polarized
on both ends. (Not available on
HCM, unless Transfer, then only the
socket is polarized)
01
03
02
04
01
03
Single
Double
02
04
Specify Suffix from table. All
dimensions are ± 1/16" (1,59 mm). Not
available in 28 positions and higher.
3
Specify “XX” as number of
conductors to be broken out.
Requires –SXX, –WXX or –DXX
7
Requires –SXX, –WXX or –DXX
7
7
Required for HCSS and HCSD.
(Not available on HCMS or HCMD,
unless Transfer, then only the
socket is polarized.)
PLATING
OPTION
02
(3.81) .150
(1.27)
.050
01
–N = Notch Polarization
–R
= Reversed
–W “XX”
= Wiring Reversed
Daisy Chain, Single
–RW
= Reversed Wiring
–S “XX”
= Daisy Chain Single
– D “XX”
= Daisy Chain, Double
– P “XX”
= Position Polarization
–S
= 10µ" (0.25 µm) Gold on contact area or tail,
Tin on balance
(Standard on HCSS & HCSD. Leave blank)
–T
= Tin
(Standard on HCMS & HCMD. Leave blank)
–G
= Gray Cable
– ST “X”
= Stripped & Tinned
– B “XX”
= Breakout
–M
= Middle Reversed
–O
= Outside Reversed
1/8" (3.18)
1/4" (6.35)
1/2" (12.70)
3/8" (9.53)
–ST8
–ST4
–ST2
–ST3
LEAD
STYLE
–01
= HCSS/HCSD or
(3.05 mm) .120" tail for
HCMS/HCMD
–02
= (5.84 mm) .230" tail
HCMS/HCMD only



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com