Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C3503 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C3503
Description  Low Power Spread Spectrum Frequency Multiplier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C3503 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8929A
02/19/08
PI6C3503
Low Power Spread
Spectrum Frequency Multiplier
6 Pin Description
Pin Name
Pin No.
IO TYPE
Descriptions
PD
1I
Power down control pin. Pull low to enable power down mode. Connect to VDD if
not used.
X2
2
O
Crystal connection. If using an external reference, this pin must be left uncon-
nected.
X1/CLKIN
3
I
Crystal connection or external reference frequency input. This pin has dual func-
tions. It can be connected either to an external crystal or an external reference
clock.
VDD
4
Power
Power Supply.
CLKOUT
5
O
Spread spectrum clock output.
GND
6
GND
Ground.
Electrical Specification
Maximum Ratings
Item
Rating
Supply Voltage to Ground
5.5V
All Inputs and Outputs
-0.5V to VDD+0.5V
Storage Temperature
-65 to +150°C
Junction Temperature
150°C
Soldering Temperature
260°C
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability.
8 Pin Description
Pin Name
Pin No.
IO TYPE
Descriptions
X1/CLKIN
1
I
Crystal connection or external reference frequency input. This pin has dual func-
tions. It can be connected either to an external crystal or an external reference
clock.
X2
2
O
Crystal connection. If using an external reference, this pin must be left uncon-
nected.
PD
3I
Power down control pin. Pull low to enable power down mode. Connect to VDD if
not used.
NC
4
NC
No Connection.
GND
5
GND
Ground.
CLKOUT
6
O
Spread spectrum clock output.
NC
7
NC
No connection.
VDD
8
Power
Power Supply.
08-0035



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com