Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST72325
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST72325_07 Datasheet HTML 11Page - STMicroelectronics ST72325_07 Datasheet HTML 12Page - STMicroelectronics ST72325_07 Datasheet HTML 13Page - STMicroelectronics ST72325_07 Datasheet HTML 14Page - STMicroelectronics ST72325_07 Datasheet HTML 15Page - STMicroelectronics ST72325_07 Datasheet HTML 16Page - STMicroelectronics ST72325_07 Datasheet HTML 17Page - STMicroelectronics ST72325_07 Datasheet HTML 18Page - STMicroelectronics ST72325_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 196 page
background image
15/196
Table 3. LQFP32/DIP32 Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
14
VAREF
6)
I
Analog Reference Voltage for ADC
25
VSSA
6)
S
Analog Ground Voltage
3
6
PF0/MCO/AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock out
(fOSC/2)
ADC Analog
Input 8
4
7
PF1 (HS)/BEEP
I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
58
PF4/OCMP1_A/
AIN10
I/O CT
X
XX
X
X
Port F4
Timer A Output
Compare 1
ADC Analog
Input 10
6
9
PF6 (HS)/ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
710
PF7 (HS)/
EXTCLK_A
I/O CT HS
X
X
X
X
Port F7
Timer A External Clock Source
811
PC0/OCMP2_B/
AIN12
I/O CT
X
XX
X
X
Port C0
Timer B Output
Compare 2
ADC Analog
Input 12
912
PC1/OCMP1_B/
AIN13
I/O CT
X
XX
X
X
Port C1
Timer B Output
Compare 1
ADC Analog
Input 13
10
13
PC2 (HS)/ICAP2_B I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
11
14
PC3 (HS)/ICAP1_B I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
12
15
PC4/MISO/ICCDA-
TA
I/O CT
X
XX
X
Port C4
SPI Master In /
Slave Out Data
ICC Data Input
13
16
PC5/MOSI/AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master Out /
Slave In Data
ADC Analog
Input 14
14
17
PC6/SCK/ICCCLK
I/O CT
X
X
X
X
Port C6
SPI Serial Clock
ICC Clock
Output
15
18
PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave Select
(active low)
ADC Analog
Input 15
16
19
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
17
20
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
18
21
PA6 (HS)/SDAI
I/O CT HS
X
TPort A6
I2C Data 1)
19
22
PA7 (HS)/SCLI
I/O CT HS
X
TPort A7
I2C Clock 1)
20
23
VPP/ ICCSEL
I
Must be tied low. In flash programming
mode, this pin acts as the programming
voltage input VPP. See Section 12.9.2 for
more details. High voltage must not be ap-
plied to ROM devices
21
24
RESET
I/O CT
Top priority non maskable interrupt.
22
25
VSS_2
6)
S
Digital Ground Voltage
23
26
OSC23)
I/O
Resonator oscillator inverter output
24
27
OSC13)
I
External clock input or Resonator oscillator
inverter input
25
28
VDD_2
6)
S
Digital Main Supply Voltage
26
29
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
27
30
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com