Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR-R4-3C5-0D Datasheet(PDF) 1 Page - Multicomp Pro

Part # CR-R4-3C5-0D
Description  Knob
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CR-R4-3C5-0D Datasheet(HTML) 1 Page - Multicomp Pro

  CR-R4-3C5-0D Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
09/10/12
Knob
Specifications:
Knob / Dial Style
: Round with Indicator Line
Shaft Diameter
: 6.4mm
Knob Diameter
: 13mm
Shaft Type
: Round
Knob Material
: Plastic
Material
: ABS
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions: Millimetres
Part Number Table
Description
Shaft (mm) Line Colour
Part Number
Knob, 13mm, Grey, Rubber
6.4
Red
CR-R4-1C5-0D(6.4)
6.4
Yellow
CR-R4-2C5-0D(6.4)
6.4
Blue
CR-R4-3C5-0D(6.4)
6.4
White
CR-R4-7C5-0D(6.4)


Similar Part No. - CR-R4-3C5-0D

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CR-R4-3 MULTICOMP-CR-R4-3 Datasheet
164Kb / 1P
Knobs Specifications Table
04/03/20
More results

Similar Description - CR-R4-3C5-0D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN015-GRX ETC1-45KN015-GRX Datasheet
77Kb / 1P
Knob
45KN024-GRX ETC1-45KN024-GRX Datasheet
83Kb / 1P
Knob
45KN026-GRX ETC1-45KN026-GRX Datasheet
75Kb / 1P
Knob
450-2037-GRX ETC2-450-2037-GRX Datasheet
87Kb / 1P
Knob
1227-K ETC2-1227-K Datasheet
95Kb / 1P
KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
KNOB
2720-Q ETC2-2720-Q Datasheet
72Kb / 1P
KNOB
2820-B ETC2-2820-B Datasheet
79Kb / 1P
KNOB
3008-W ETC2-3008-W Datasheet
82Kb / 1P
KNOB
3025AS ETC2-3025AS Datasheet
77Kb / 1P
KNOB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com