Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103XX Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8S103XX
Description  Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103XX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8S103XX Datasheet HTML 35Page - STMicroelectronics STM8S103XX Datasheet HTML 36Page - STMicroelectronics STM8S103XX Datasheet HTML 37Page - STMicroelectronics STM8S103XX Datasheet HTML 38Page - STMicroelectronics STM8S103XX Datasheet HTML 39Page - STMicroelectronics STM8S103XX Datasheet HTML 40Page - STMicroelectronics STM8S103XX Datasheet HTML 41Page - STMicroelectronics STM8S103XX Datasheet HTML 42Page - STMicroelectronics STM8S103XX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
STM8S103xx, STM8S105xx
Electrical characteristics
39/56
7.3.1
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 14.
I/O static characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level
voltage
VDD = 5.0 V
-0.3 V
TBD
V
VIH
Input high level
voltage
0.7 x VDD
VDD + 0.3 V
V
Vhys
Hysteresis(2)
700
mV
Rpu
Pull-up resistor
VDD = 5 V, VIN=VSS
30
45
60
k
Ω
tR, tF
Rise and fall time
(10% - 90%)
Fast I/Os
Load = 50 pF
20 (3)
ns
Standard and high sink I/Os
Load = 50 pF
125 (3)
ns
Ilkg
Input leakage
current,
analog and digital
VSS≤VIN≤VDD
±1 (3)
µA
Ilkg ana
Analog input
leakage current
VSS≤VIN≤VDD
±250 (3)
nA
Ilkg(inj)
Leakage current in
adjacent I/O(3)
Injection current ±4 mA
±1(3)
µA
1.
TBD = to be determined.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested in production.
3.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com